Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LX2206 Fiches technique(PDF) 6 Page - Microsemi Corporation

No de pièce LX2206
Description  Dual Level Lithium Ion Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2206 Fiches technique(HTML) 6 Page - Microsemi Corporation

Back Button LX2206 Datasheet HTML 2Page - Microsemi Corporation LX2206 Datasheet HTML 3Page - Microsemi Corporation LX2206 Datasheet HTML 4Page - Microsemi Corporation LX2206 Datasheet HTML 5Page - Microsemi Corporation LX2206 Datasheet HTML 6Page - Microsemi Corporation LX2206 Datasheet HTML 7Page - Microsemi Corporation LX2206 Datasheet HTML 8Page - Microsemi Corporation LX2206 Datasheet HTML 9Page - Microsemi Corporation LX2206 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LX2206
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2005
Rev. 1.2, 2006-12-22
Dual Level Lithium Ion Battery Charger
TM
®
APPLICATION CIRCUITS
Figure 1 –
Typical Application – 1A or 500mA maximum charge currents with three indicators and
battery temperature lockout. A grounded spare pin in the USB power cable can be used to sense
when the 500mA USB current power source is being used.
USB High/Low
Suspend
Current
Programming
Control Logic
Charging
LX2206
IN
BAT
SD
H/L
HCP
TMP
DCOK
STAT
GND
CMP
Battery
LCP
2.5k
19.6k
110k
10k
DCOK
VCC
1k 0.47uF
USB
Figure 2–
Typical USB Application – 500mA or 100mA maximum charge currents with charge indicator.
Adapter
Shutdown
Charging
IN
BAT
SD
H/L
HCP
TMP
DCOK
STAT
GND
CMP
Battery
LCP
2.5k
17.8k
63.4k
10k
DCOK
VCC
LX2206
1k 0.47uF
Figure 3 –
Typical Low current application – 150mA charge current and 50mA termination current.


Numéro de pièce similaire - LX2206

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206 Datasheet
301Kb / 14P
   TM Dual Level Lithium Ion Battery Charger
LX2206ILD MICROSEMI-LX2206ILD Datasheet
301Kb / 14P
   TM Dual Level Lithium Ion Battery Charger
LX2206ILD-TR MICROSEMI-LX2206ILD-TR Datasheet
301Kb / 14P
   TM Dual Level Lithium Ion Battery Charger
LX2206 MICROSEMI-LX2206_07 Datasheet
301Kb / 14P
   TM Dual Level Lithium Ion Battery Charger
More results

Description similaire - LX2206

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206_07 Datasheet
301Kb / 14P
   TM Dual Level Lithium Ion Battery Charger
LX2207 MICROSEMI-LX2207 Datasheet
396Kb / 14P
   Three Level Lithium Ion Battery Charger
LX2207_0710 MICROSEMI-LX2207_0710 Datasheet
404Kb / 14P
   Three Level Lithium Ion Battery Charger
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Microsemi Corporation
LX2208 MICROSEMI-LX2208 Datasheet
250Kb / 11P
   2 Amp Three Level Lithium Ion Battery Charger
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com