Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4800 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA4800
Description  Vertical deflection circuit for monitor applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4800 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA4800 Datasheet HTML 7Page - NXP Semiconductors TDA4800 Datasheet HTML 8Page - NXP Semiconductors TDA4800 Datasheet HTML 9Page - NXP Semiconductors TDA4800 Datasheet HTML 10Page - NXP Semiconductors TDA4800 Datasheet HTML 11Page - NXP Semiconductors TDA4800 Datasheet HTML 12Page - NXP Semiconductors TDA4800 Datasheet HTML 13Page - NXP Semiconductors TDA4800 Datasheet HTML 14Page - NXP Semiconductors TDA4800 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1997 Mar 27
11
Philips Semiconductors
Product specification
Vertical deflection circuit for monitor
applications
TDA4800
PACKAGE OUTLINE
UNIT
A
e 1
A2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
17.0
15.5
4.6
4.2
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
3.4
v
0.8
12.2
11.8
1.7
e 2
5.08
2.4
1.6
Eh
6
2.00
1.45
2.1
1.8
3.4
3.1
4.3
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
12.4
11.0
SOT141-6
0
5
10 mm
scale
Q
j
0.25
w
0.03
x
D
L
E
A
c
A2
m
L 3
Q
w M
b p
1
d
D
Z
e
2
e
e
x
h
113
j
Eh
non-concave
view B: mounting base side
92-11-17
95-03-11
DBS13P: plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6
v M
B


Numéro de pièce similaire - TDA4800

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4814A SIEMENS-TDA4814A Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
TDA4817G SIEMENS-TDA4817G Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results

Description similaire - TDA4800

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7085 NTE-NTE7085 Datasheet
21Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for Monitor
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
NTE1855 NTE-NTE1855 Datasheet
23Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Driver Circuit for TV Monitor
logo
STMicroelectronics
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
STV9383 STMICROELECTRONICS-STV9383 Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
   Horizontal and vertical deflection monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com