Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4691T Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA4691T
Description  Sync Processor with Clock SPC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4691T Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA4691T Datasheet HTML 3Page - NXP Semiconductors TDA4691T Datasheet HTML 4Page - NXP Semiconductors TDA4691T Datasheet HTML 5Page - NXP Semiconductors TDA4691T Datasheet HTML 6Page - NXP Semiconductors TDA4691T Datasheet HTML 7Page - NXP Semiconductors TDA4691T Datasheet HTML 8Page - NXP Semiconductors TDA4691T Datasheet HTML 9Page - NXP Semiconductors TDA4691T Datasheet HTML 10Page - NXP Semiconductors TDA4691T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
September 1993
7
Philips Semiconductors
Preliminary specification
Sync Processor with Clock (SPC)
TDA4691
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note to the limiting values
1. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP1
supply voltage
0
9.0
V
IP1
supply current
40
mA
VP2
supply voltage
0
5.7
V
IP2
supply current
50
mA
Ptot
total power dissipation
650
mW
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
0
+70
°C
VESD
ESD-protection on all pins; note 1
300
V
II/O
currents on all pins except supply pins 3, 8, 12 and 19
−10
+10
mA
VI
voltage applied to pins 1, 2, 4, 5, 7, 14 and 20
0
VP1
V
VI
voltage applied to pins 9, 10, 11 and 13
0
VP2
V
V6
voltage applied to pin 6
0
13.2
V
V15
voltage applied to pin 15
0
5
V
V16
voltage applied to pin 16
0
5
V
V17
voltage applied to pin 17
0
5
V
V18
voltage applied to pin 18
0
5
V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
SOT146 (without heat spreader)
65 K/W
SOT163
85 K/W


Numéro de pièce similaire - TDA4691T

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
TDA4600 MOTOROLA-TDA4600 Datasheet
313Kb / 6P
   CONTROL IC FOR LINE ISOLATED FREELY OSCILLATING FLYBACK CONVERTER
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
TDA4601-D SIEMENS-TDA4601-D Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
More results

Description similaire - TDA4691T

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
   SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
List of Unclassifed Man...
WT9051 ETC1-WT9051 Datasheet
1Mb / 42P
   SYNC SINGAL PROCESSOR TOR MILTI-SYNC DISPLAY
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Motorola, Inc
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com