Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4680WP Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA4680WP
Description  Video processor with automatic cut-off and white level control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4680WP Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA4680WP Datasheet HTML 6Page - NXP Semiconductors TDA4680WP Datasheet HTML 7Page - NXP Semiconductors TDA4680WP Datasheet HTML 8Page - NXP Semiconductors TDA4680WP Datasheet HTML 9Page - NXP Semiconductors TDA4680WP Datasheet HTML 10Page - NXP Semiconductors TDA4680WP Datasheet HTML 11Page - NXP Semiconductors TDA4680WP Datasheet HTML 12Page - NXP Semiconductors TDA4680WP Datasheet HTML 13Page - NXP Semiconductors TDA4680WP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Oct 25
10
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
Table 2
Cut-off and white level measurement lines; notes 1 to 3
Notes
1. The line numbers given are those of the horizontal pulse counts after the start of the vertical component of the
sandcastle pulse.
2. * line frequency of approximately 31 kHz.
3. (EB) is extended blanking.
Table 3
Signal input selection by the fast source switches; notes 1 to 4
Notes
1. H: logical HIGH implies that the voltage >0.9 V.
2. L: logical LOW implies that the voltage <0.4 V.
3. X = don’t care.
4. ON indicates the selected input signal.
VBW2
VBW1
VBW0
R
G
B
WHITE
STANDARD
0
0
0
19
20
21
22
PAL/SECAM
0
0
1
16
17
18
19
NTSC/PAL M
0
1
0
22
23
24
25
PAL/SECAM (EB)
1
0
0
38, 39
40, 41
42, 43
44, 45
PAL*/SECAM*
1
0
1
32, 33
34, 35
36, 37
38, 39
NTSC*/PAL M*
1
1
0
44, 45
46, 47
48, 49
50, 51
PAL*/SECAM* (EB)
I2C-BUS CONTROL BITS
ANALOG SWITCH SIGNALS
INPUT SELECTED
FSON2 FSDIS2 FSON1 FSDIS1
FSW2
(PIN 1)
FSW1
(PIN 13)
RGB2
RGB1
Y/CD
LLLL
L
L
ON
LH
ON
HX
ON
LLL
H
L
X
ON
HX
ON
LL
H
X
L
X
ON
HX
ON
LHL
L
X
L
ON
XH
ON
LHLH
X
X
ON
LH
H
X
X
X
ON
H
XXX
X
X
ON


Numéro de pièce similaire - TDA4680WP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4681WP PHILIPS-TDA4681WP Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4686WP PHILIPS-TDA4686WP Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
More results

Description similaire - TDA4680WP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4780 PHILIPS-TDA4780 Datasheet
321Kb / 44P
   RGB video processor with automatic cut-off control and gamma adjust
1997 Feb 06
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com