Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79M535-1JC Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM79M535-1JC
Description  Metering Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M535-1JC Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM79M535-1JC Datasheet HTML 7Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 8Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 9Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 10Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 11Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 12Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 13Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 14Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SLIC Products
11
Notes:
1. Unless otherwise noted, test conditions are BAT = –48 V, VCC = +5 V, VEE = –5 V, RL = 600 Ω, CHP = 0.22 µF,
RDC1 = RDC2 = 31.25 kΩ, CDC = 0.1 µF, Rd = 51.1 kΩ, no fuse resistors, two-wire AC output impedance, programming
impedance (ZT)= 306 kΩ resistive, receive input summing impedance (ZRX) = 300 kΩ resistive. (See Table 2 for compo-
nent formulas.)
2. Overload level is defined when THD = 1%.
3. Balance return signal is the signal generated at VTX by VRX. This specification assumes that the two-wire AC load impedance
matches the impedance programmed by ZT.
4. Not tested in production. This parameter is guaranteed by characterization or correlation to other tests.
5. These tests are performed with a longitudinal impedance of 90
Ω and metallic impedance of 300 Ω for frequencies below
12 kHz and 135
Ω for frequencies greater than 12 kHz. These tests are extremely sensitive to circuit board layout.
6. This parameter is tested at 1 kHz in production. Performance at other frequencies is guaranteed by characterization.
7. When the SLIC is in the Anti-sat 2 operating region, this parameter is degraded. The exact degradation depends on system
design. The Anti-sat 2 region occurs at high loop resistances when
V
BAT – VAX – VBX is less than approximately 17 V.
8. “Midpoint” is defined as the connection point between two 300
Ω series resistors connected between A(TIP) and B(RING).
9. Fundamental and harmonics from 256 kHz switch-regulator chopper are not included.
10. Total harmonic distortion with metering as specified with a metering signal of 2.2 Vrms at the two-wire output, and a transmit
signal of +3 dBm or receive signal of –4 dBm. The transmit or receive signals are single-frequency inputs, and the distortion
is measured as the highest in-band harmonic at the two-wire or the four-wire output relative to the input signal.
11. Noise with metering is measured by applying a 2.2 Vrms metering signal (measured at the two-wire output) and measuring
the psophometric noise at the two-wire and four-wire outputs over a 200 ms time interval.
12. Tested with 0
Ω source impedance. 2 MΩ is specified for system design purposes only.
13. Assumes the following ZT network:
14. Group delay can be considerably reduced by using a ZT network such as that shown in Note 13 above. The network reduces
the group delay to less than 2
µs. The effect of group delay on linecard performance may be compensated for by using the
QSLAC™ or DSLAC™ devices.
Note:
* A logic Low on E0 disables the DET output into the open-collector state.
Table 1.
SLIC Decoding
DET Output
State
C3 C2 C1
Two-Wire Status
E0 = 1*
E1 = 0
E0 = 1*
E1 = 1
0
0
0
0
Open Circuit
Ring trip
Ring trip
1
0
0
1
Ringing
Ring trip
Ring trip
2
0
1
0
Active
Loop detector
Ground key
3
0
1
1
On-hook TX (OHT)
Loop detector
Ground key
4
1
0
0
Tip Open
Loop detector
5
1
0
1
Reserved
Loop detector
6
1
1
0
Active Polarity Reversal
Loop detector
Ground key
7
1
1
1
OHT Polarity Reversal
Loop detector
Ground key
VTX
RSN
153 k
153 k
56 pF


Numéro de pièce similaire - AM79M535-1JC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-1JC ETC2-AM79M574-1JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-2JC ETC2-AM79M574-2JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-JC ETC2-AM79M574-JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574JC ETC2-AM79M574JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
More results

Description similaire - AM79M535-1JC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
logo
Advanced Micro Devices
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com