Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP2230SOP-100 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce STP2230SOP-100
Description  Crossbar Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

STP2230SOP-100 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  STP2230SOP-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 4Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 5Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers STP2230SOP-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
STP2230SOP
Crossbar Switch
XB1
July 1997
SIGNAL DESCRIPTIONS
Signal
I/O
No. Pins
Description
I/F Type
A[15:0]
I/O
16
Bidirectional data from memory bus.
LV TTL,
5-volt tolerant
B[7:0]
I/O
8
Processor port, bidirectional, registered
LV TTL
C[3:0]
I/O
4
Input/output port, bidirectional, registered
LV TTL
MRB_CTRL
I
1
Memory read buffer control
LV TTL
MWB_CTRL
I
1
Memory write buffer control
LV TTL
CLK+, CLK–
I
2
Differential clock signals
3.3-V PECL
BMX_CMD[3:0]
I
4
Command input signals
LV TTL


Numéro de pièce similaire - STP2230SOP-100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STP2200ABGA ETC1-STP2200ABGA Datasheet
409Kb / 36P
   Uniprocessor System Controller
logo
STMicroelectronics
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
   High avalanche ruggedness
October 2015 Rev 3
logo
List of Unclassifed Man...
STP2223BGA ETC2-STP2223BGA Datasheet
439Kb / 34P
   UPA to PCI Interface
logo
STMicroelectronics
STP22N60M6 STMICROELECTRONICS-STP22N60M6 Datasheet
452Kb / 13P
   N-channel 600 V, 196 m typ., 15 A, MDmeshTM M6 Power MOSFET in a TO-220 package
November 2018 Rev 1
STP22NE03 STMICROELECTRONICS-STP22NE03 Datasheet
75Kb / 5P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
More results

Description similaire - STP2230SOP-100

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT3384 TI-SN74CBT3384_1 Datasheet
59Kb / 5P
[Old version datasheet]   10-BIT CROSSBAR SWITCH
logo
Pericom Semiconductor C...
PI5X1018 PERICOM-PI5X1018 Datasheet
429Kb / 7P
   18-Bit, 10-Port Crossbar Switch
logo
NXP Semiconductors
CBTL08GP053 NXP-CBTL08GP053 Datasheet
791Kb / 38P
   USB Type-C High performance Crossbar Switch IC
Rev. 2 ??1 August 2016
logo
Dow-Key Microwave Corpo...
7002 DOW-KEY-7002 Datasheet
534Kb / 2P
   C-band Crossbar/Fan-Out
7001 DOW-KEY-7001 Datasheet
536Kb / 2P
   C-band Crossbar/Fan-Out
logo
Silicon Laboratories
AN671 SILABS-AN671 Datasheet
107Kb / 6P
   PRECISION32??PORT I/O CROSSBAR DECODER
logo
Maxim Integrated Produc...
MAX9132 MAXIM-MAX9132 Datasheet
736Kb / 20P
   Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Rev 2; 4/11
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com