Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4556 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TDA4556
Description  Multistandard decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4556 Fiches technique(HTML) 2 Page - NXP Semiconductors

  TDA4556 Datasheet HTML 1Page - NXP Semiconductors TDA4556 Datasheet HTML 2Page - NXP Semiconductors TDA4556 Datasheet HTML 3Page - NXP Semiconductors TDA4556 Datasheet HTML 4Page - NXP Semiconductors TDA4556 Datasheet HTML 5Page - NXP Semiconductors TDA4556 Datasheet HTML 6Page - NXP Semiconductors TDA4556 Datasheet HTML 7Page - NXP Semiconductors TDA4556 Datasheet HTML 8Page - NXP Semiconductors TDA4556 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
November 1984
2
Philips Semiconductors
Product specification
Multistandard decoder
TDA4555
TDA4556
GENERAL DESCRIPTION
The TDA4555 and TDA4556 are monolithic integrated
multistandard colour decoders for the PAL, SECAM,
NTSC 3,58 MHz and NTSC 4,43 MHz standards. The
difference between the TDA4555 and TDA4556 is the
polarity of the colour difference output signals (B-Y)
and (R-Y).
Features
Chrominance part
• Gain controlled chrominance amplifier for PAL, SECAM
and NTSC
• ACC rectifier circuits (PAL/NTSC, SECAM)
• Burst blanking (PAL) in front of 64 µs glass delay line
• Chrominance output stage for driving the 64 µs glass
delay line (PAL, SECAM)
• Limiter stages for direct and delayed SECAM signal
• SECAM permutator
Demodulator part
• Flyback blanking incorporated in the two synchronous
demodulators (PAL, NTSC)
• PAL switch
• Internal PAL matrix
• Two quadrature demodulators with external reference
tuned circuits (SECAM)
• Internal filtering of residual carrier
• De-emphasis (SECAM)
• Insertion of reference voltages as achromatic value
(SECAM) in the (B-Y) and (R-Y) colour difference output
stages (blanking)
Identification part
• Automatic standard recognition by sequential inquiry
• Delay for colour-on and scanning-on
• Reliable SECAM identification by PAL priority circuit
• Forced switch-on of a standard
• Four switching voltages for chrominance filters, traps
and crystals
• Two identification circuits for PAL/SECAM (H/2) and
NTSC
• PAL/SECAM flip-flop
• SECAM identification mode switch (horizontal, vertical
or combined horizontal and vertical)
• Crystal oscillator with divider stages and PLL circuitry
(PAL, NTSC) for double colour subcarrier frequency
• HUE control (NTSC)
• Service switch
QUICK REFERENCE DATA
PACKAGE OUTLINE
28-lead DIL; plastic (SOT117); SOT 117-1; 1996 November 27.
Supply voltage (pin 13)
VP = V13-9
typ.
12
V
Supply current (pin 13)
IP = I13
typ.
65
mA
Chrominance input signal (peak-to-peak)
V15-9(p-p)
20 to 200
mV
Chrominance output signal (peak-to-peak)
V12-9(p-p)
typ.
1,6
V
Colour difference output signals (peak-to-peak values)
TDA4555:
−(R-Y); TDA4556: + (R-Y)
V1-9(p-p)
typ.
1,05
V
± 2dB
TDA4555:
−(B-Y); TDA4556: + (B-Y)
V3-9(p-p)
typ.
1,33
V
± 2dB
Sandcastle pulse; required amplitude for
vertical and horizontal pulse separation
V24-9
typ.
2,5
V
horizontal pulse separation
V24-9
typ.
4,5
V
burst gating
V24-9
typ.
7,7
V


Numéro de pièce similaire - TDA4556

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA4556 ETC1-TDA4556 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Description similaire - TDA4556

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
NXP Semiconductors
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
   Digital multistandard TV decoder
May 1991
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
STMicroelectronics
STA310 STMICROELECTRONICS-STA310 Datasheet
655Kb / 90P
   62-CH. MULTISTANDARD AUDIO DECODER
logo
NXP Semiconductors
TDA9873H PHILIPS-TDA9873H Datasheet
197Kb / 40P
   Multistandard dual carrier stereo sound decoder
2000 Apr 04
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com