Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4504 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA4504
Description  Small signal combination for multistandard colour TV
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4504 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA4504 Datasheet HTML 3Page - NXP Semiconductors TDA4504 Datasheet HTML 4Page - NXP Semiconductors TDA4504 Datasheet HTML 5Page - NXP Semiconductors TDA4504 Datasheet HTML 6Page - NXP Semiconductors TDA4504 Datasheet HTML 7Page - NXP Semiconductors TDA4504 Datasheet HTML 8Page - NXP Semiconductors TDA4504 Datasheet HTML 9Page - NXP Semiconductors TDA4504 Datasheet HTML 10Page - NXP Semiconductors TDA4504 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
February 1992
7
Philips Semiconductors
Product specification
Small signal combination for multistandard colour TV
TDA4504B
AGC circuit
For signals employing negative modulation the AGC detector operates on peak sync level but upon peak white content
with those having positive modulation. Selection is facilitated by the system switch (pin 32):
The AGC detector currents are:
With a 6.8
µF AGC capacitor, the video tilt will be < 10% for positively modulated signals and < 2% for negative
modulation.
To obtain a rapid AGC action when executing a search tuning operation with the circuit set for peak white AGC, the
charge current is held at 55
µA until the detection of a transmitted signal.
The transmitter identification
A mute signal is generated to disable the audio preamplifier of an audio demodulator during the absence of a
transmission signal. When the video switch is in the internal mode, the identification of a transmitted signal is derived
from the coincidence detector.
In the external mode the IF part of the circuit has its own identification system. The system relies upon the detection of
sync. pulses on the incoming IF signal. The separated horizontal sync pulse charges the capacitor on pin 25 which drives
the mute output (pin 14).
The connection of a 1 M
Ω resistor between pin 25 and VCC results in the mute information being overruled by the
50/60 Hz information derived from the internal vertical divider section
(see 50/60 Hz truth table).
MUTE Truth Table:
pin 32
HIGH/open:
positive modulation
pin 32
LOW:
negative modulation
positive modulation
negative modulation
charge
1
µA55 µA
discharge
3 mA
1.5 mA
Input signal
Pins 9 and 10
50 Hz
60 Hz
none
50/60 Hz
50/60 Hz
50/60 Hz
none
pin 25
9.5 V
9.5 V
0.3 V
9.5 V
9.5 V
9.5 V
0.3 V
pin 28
50 Hz
60 Hz
none
50 Hz
60 Hz
none
50/60 Hz
pin 18
LOW
LOW
LOW/
HIGH
HIGH
HIGH
HIGH
HIGH
pin 14
12 V
9 V
0.3 V
12 V
9 V
12 V
0.3 V


Numéro de pièce similaire - TDA4504

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
NXP Semiconductors
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
More results

Description similaire - TDA4504

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
Isahaya Electronics Cor...
2SC3249 ISAHAYA-2SC3249 Datasheet
100Kb / 3P
   SMALL-SIGNAL TRANSISTOR FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APLLICATION
logo
NXP Semiconductors
TDA8303 PHILIPS-TDA8303 Datasheet
153Kb / 21P
   Small signal combination IC for black/white TV
July 1992
logo
List of Unclassifed Man...
2SC3249 ETC-2SC3249 Datasheet
99Kb / 3P
   FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com