Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN65LBC173A_07 Datasheet(Fiches technique) 2 Page - Texas Instruments

Numéro de pièce SN65LBC173A_07
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 2 page
background image
SN65LBC173A, SN75LBC173A
QUADRUPLE RS485 DIFFERENTIAL LINE RECEIVERS
SLLS456B − NOVEMBER 2000 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each receiver)
DIFFERENTIAL INPUTS
ENABLES
OUTPUT
DIFFERENTIAL INPUTS
A – B (VID)
G
G
OUTPUT
Y
VID ≤ −0.2 V
H
X
L
VID ≤ −0.2 V
X
L
L
−0.2 V < VID < −0.01 V
H
X
?
−0.2 V < VID < −0.01 V
X
L
?
−0.01 V
≤ VID
H
X
H
−0.01 V
≤ VID
X
L
H
X
L
H
Z
X
OPEN
OPEN
Z
Short circuit
H
X
H
Short circuit
X
L
H
Open circuit
H
X
H
H = high level, L = low level,
X = irrelevant, Z = high impedance (off),
? = indeterminate
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC
SMALL OUTLINE†
(JEDEC MS-012)
PLASTIC
DUAL-IN-LINE
(JEDEC MS-001)
0
°C to 70°C
SN75LBC173AD
SN75LBC173AN
−40
°C to 85°C
SN65LBC173AD
SN65LBC173AN
† Add an R suffix for taped and reeled
equivalent input and output schematic diagrams
16 V
16 V
100 k
18 k
4 k
4 k
Input
A Input
VCC
16 V
16 V
100 k
18 k
4 k
4 k
Input
B Input
VCC
1 k
8 V
100 k
VCC
Input
1 k
8 V
100 k
VCC
Input
G Input
8 V
G Input
VCC
5
8 V
8 V
Y Output
Output




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN65LBC174A_07QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65175_06QUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
HD29413Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreRenesas Technology Corp
AM26LS32AC_06QUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
HD26LS32Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
STSMIA8321.8V/2.8V High speed dual differential line receivers standard mobile imaging architecture SMIA decoder deserializer 1 2 3 4 5 MoreSTMicroelectronics
SN65LVDS179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
MC3486_06QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
INA134_06AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G=1 1 2 3 4 5 MoreBurr-Brown (TI)
MC3487_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl