Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN65LBC173A_07 Datasheet(Fiches technique) 1 Page - Texas Instruments

Numéro de pièce SN65LBC173A_07
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 1 page
background image
SN65LBC173A, SN75LBC173A
QUADRUPLE RS485 DIFFERENTIAL LINE RECEIVERS
SLLS456B − NOVEMBER 2000 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed for TIA/EIA-485, TIA/EIA-422, and
ISO 8482 Applications
D Signaling RateExceeding 50 Mbps
D Fail-Safe in Bus Short-Circuit, Open-Circuit,
and Idle-Bus Conditions
D ESD Protection on Bus Inputs
Exceeds 6 kV
D Common-Mode Bus Input Range
–7 V to 12 V
D Propagation Delay Times <16 ns
D Low Standby Power Consumption <20 µA
D Pin-Compatible Upgrade for AM26LS32,
DS96F173, LTC488, and SN75173
description
The SN65LBC173A and SN75LBC173A are
quadruple differential line receivers with 3-state
outputs, designed for TIA/EIA-485 (RS-485),
TIA/EIA-422 (RS-422), and ISO 8482 (Euro
RS-485) applications.
These devices are optimized for balanced
multipoint bus communication at data rates up to
and exceeding 50 million bits per second. The
transmission media may be twisted-pair cables,
printed-circuit board traces, or backplanes. The
ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of
the media and the noise coupling to the
environment.
Each receiver operates over a wide range of positive and negative common-mode input voltages, and features
ESD protection to 6 kV, making it suitable for high-speed multipoint data transmission applications in harsh
environments. These devices are designed using LinBiCMOS
t, facilitating low power consumption and
robustness.
The G and G inputs provide enable control logic for either positive- or negative-logic enabling all four drivers.
When disabled or powered off, the receiver inputs present a high-impedance to the bus for reduced system
loading.
The SN75LBC173A is characterized for operation over the temperature range of 0
°C to 70°C. The
SN65LBC173A is characterized over the temperature range from −40
°C to 85°C.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments.
†The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
logic diagram
G
G
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
4A
4B
4Y
SN65LBC173A (Marked as 65LBC173A)
SN75LBC173A (Marked as 75LBC173A)
D or N PACKAGE
(TOP VIEW)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN65LBC174A_07QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65175_06QUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
HD29413Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreRenesas Technology Corp
AM26LS32AC_06QUADRUPLE DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
HD26LS32Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
STSMIA8321.8V/2.8V High speed dual differential line receivers standard mobile imaging architecture SMIA decoder deserializer 1 2 3 4 5 MoreSTMicroelectronics
SN65LVDS179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
MC3486_06QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
INA134_06AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G=1 1 2 3 4 5 MoreBurr-Brown (TI)
MC3487_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl