Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3866 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA3866
Description  Quasi-split sound processor for all standards
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3866 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA3866 Datasheet HTML 1Page - NXP Semiconductors TDA3866 Datasheet HTML 2Page - NXP Semiconductors TDA3866 Datasheet HTML 3Page - NXP Semiconductors TDA3866 Datasheet HTML 4Page - NXP Semiconductors TDA3866 Datasheet HTML 5Page - NXP Semiconductors TDA3866 Datasheet HTML 6Page - NXP Semiconductors TDA3866 Datasheet HTML 7Page - NXP Semiconductors TDA3866 Datasheet HTML 8Page - NXP Semiconductors TDA3866 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
January 1992
5
Philips Semiconductors
Preliminary specification
Quasi-split sound processor for all standards
TDA3866
FUNCTIONAL DESCRIPTION
The quasi-split sound processor is for
all standards. Dependent on the
voltage on pin 5 either FM mode
(B/G) or AM mode (L) is selected.
B/G standard (FM mode):
Pins 23 and 24 are active, AGC
detector uses peak sync level. Sound
carrier SC1 (5.5 MHz) provides AF1,
sound carrier SC2 (5.74 MHz)
provides AF2. With no sound carrier
SC2 on pin 19, AF2 output is muted
(in mid-position of the standard select
switch FM mode without muting of
AF2 is selected).
The mute circuit prevents false signal
recognition in the stereo decoder at
high IF signal levels when no second
sound carrier exists (mono) and an
AF signal is present in the
identification signal frequency range.
With 1 mV on pin 19, under
measurement conditions, AF2 is
switched on (see limiting amplifier).
Weak input signals at pins 23 and 24
generate noise on pin 19, which is
present in the intercarrier signal and
passes through the 5.74 MHz filter.
Noise on pin 19 inhibits muting. No
misinterpretation due to white noise
occurs in the stereo decoder; when
non-correlated noise masks the
identification signal frequencies,
which may be present in sustained
tone signals. The stereo decoder
remains switched to mono.
The series capacitor Cs in 38.9 MHz
resonant circuit provides a notch at
the sound carrier frequency in order
to provide more attenuation for the
sound carrier in the vision carrier
reference channel. The ratio of
parallel/series capacitor depends on
the ratio of VC/SC frequency and has
to be adapted to other TV
transmission standards if necessary,
according to the formula
CS =CP (fVC/fSC)2 − CP.
The result is an improved “intercarrier
buzz” (up to 10 dB improvement in
sound channel 2 with 250 kHz video
modulation for B/G stereo) or
suppression of 350 kHz video
modulated beat frequency in the
digitally-modulated NICAM
subcarrier.
The picture carrier for quadrature
demodulation in the intercarrier mixer
is not exactly 90 degrees due to the
shift variation in the integrated phase
shift network. The tuning of the LC
reference circuit to provide optimal
video suppression at the intercarrier
output is not the same as that to
provide optimal intercarrier buzz
suppression. In order to optimize the
AF signal performance, a fine tuning
for the optimal S/N at the sound
channel 2 (from 5.74 MHz) may be
performed with a 250 kHz square
wave video modulation.
Measurements at the demodulators:
For all signal-to-noise measurements
the generator must meet the following
specifications;
phase modulation errors
< 0.5 degree
for B/W-jumps intercarrier
signal-to-noise ratio as measured
with “TV-demodulator AMF2”
(weighted S/N) must be
> 60 dB at
6 kHz sine wave modulation of the
B/W-signal.
Signal-to-noise ratios are measured
with
∆f= ±50 kHz deviation and
fmod = 1 kHz; with a deviation
of
±27 kHz the S/N ratio is
deteriorated by 5.3 dB.
L standard (AM mode): Pins 1 and 2
are active, AGC detector uses mean
signal level. The audio signal from the
AM demodulator is output on AF1,
with AF2 output muted.


Numéro de pièce similaire - TDA3866

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA38640 INFINEON-TDA38640 Datasheet
2Mb / 70P
   TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C
v2.4 2022-11-05
logo
NXP Semiconductors
TDA3867 PHILIPS-TDA3867 Datasheet
113Kb / 14P
   Quasi-split sound processor with two FM demodulators
January 1992
TDA3867T PHILIPS-TDA3867T Datasheet
113Kb / 14P
   Quasi-split sound processor with two FM demodulators
January 1992
More results

Description similaire - TDA3866

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3856 PHILIPS-TDA3856 Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3858 PHILIPS-TDA3858 Datasheet
157Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
TDA3867T PHILIPS-TDA3867T Datasheet
113Kb / 14P
   Quasi-split sound processor with two FM demodulators
January 1992
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com