|
| SP431 |
|
||
|
SYNC-POWER |
|
6 page
2007/07/15 Ver.3 Page 6 SP431 High Voltage Adjustable Precision Shunt Regulators APPLICATION CIRCUIT Output Control of a Three-Terminal Fixed Regulator High-Current Shunt Regulator Precision 5-V 1.5-A Regulator |
|
Numéro de composants électroniques |
| Numéro de pièce | Description des composants | Html View | Fabricant |
| SP432 | Low Voltage Adjustable Precision Shunt Regulators | 1 2 3 4 5 More | SYNC POWER Crop. |
| TL431_05 | ADJUSTABLE PRECISION SHUNT REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| TL431_07 | ADJUSTABLE PRECISION SHUNT REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| TLV431_06 | LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| GM432 | 1.24V ADJUSTABLE PRECISION SHUNT REGULATORS | 1 2 3 4 5 More | Gamma Microelectronics Inc. |
| TL432 | 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS | 1 2 3 | Unisonic Technologies |
| TL432C | 1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS | 1 2 3 | Unisonic Technologies |
| AZ431-B | ADJUSTABLE PRECISION SHUNT REGULATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| TLVH432_07 | LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| AZ431L_07 | LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
Lien URL |
Affiliés de Alldatasheet |
| AllDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Favoris | Echange de liens | Fabricants All Rights Reserved © Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |