Nom de la pièce
         Description
SP432

 Low Voltage Adjustable Precision Shunt Regulators ( 14 Page)


SYNC-POWER
100% 
Zoom Out Zoom In
 
 1 page
background image
2006/07/12
Ver.5
Page 1
SP432
Low Voltage Adjustable Precision Shunt Regulators
DESCRIPTION
APPLICATIONS
Battery Power Equipment
Linear Regulators
Switch Power Supply
Cellular Phone
Digital Cameras
Computer Disk Drivers
Instrumentation
FEATURES
The SP432 is low-voltage three-terminal adjustable
voltage references, with specified thermal stability
over applicable industrial and commercial temperature
ranges. Output voltage can be set to any value between
VREF (1.24V) and 20V with two external resistors.
These devices have a typical output impedance of
0.25Ω. Active output circuitry provides a very sharp
turn-on characteristic, making the SP432 excellent
replacements for low-voltage Zener diodes in many
applications,
including
onboard
regulation
and
adjustable power supplies.
Low-Voltage Operation --- Down to 1.24 V
Adjustable Output Voltage, VO = Vref to 20 V
Low Operational Cathode Current --- 80uA ( Typ)
0.25Ω Typical Output Impedance
PIN CONFIGURATION
SOT-23
TO-92
SOT-23-5L
SOT-353 ( SC-70 )
PART MARKING
SOT-23
TO-92
SOT-23-5L
SOT-353 ( SC-70 )
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AZ431L_07LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
SPX431LJLow Voltage Adjustable Precision Shunt Regulator 1 2 3 4 5 MoreSipex Corporation
AZ432_07LOW VOLTAGE 1.25V ADJUSTABLE PRECISION SHUNT REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TL431_05ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
TL431_07ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TLV431_06LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AHK432Adjustable Low Voltage Shunt Regulator 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
TL432ZLow Voltage 1.24V Adjustable Precision Shunt Regulator 1 2 3 4 5 MoreHTC Korea TAEJIN Technology Co.
GM4321.24V ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreGamma Microelectronics Inc.

Lien URL

Affiliés de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl