Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2653A Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA2653A
Description  Vertical deflection circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2653A Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA2653A Datasheet HTML 3Page - NXP Semiconductors TDA2653A Datasheet HTML 4Page - NXP Semiconductors TDA2653A Datasheet HTML 5Page - NXP Semiconductors TDA2653A Datasheet HTML 6Page - NXP Semiconductors TDA2653A Datasheet HTML 7Page - NXP Semiconductors TDA2653A Datasheet HTML 8Page - NXP Semiconductors TDA2653A Datasheet HTML 9Page - NXP Semiconductors TDA2653A Datasheet HTML 10Page - NXP Semiconductors TDA2653A Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
January 1991
11
Philips Semiconductors
Product specification
Vertical deflection circuit
TDA2653A
SOLDERING
Introduction
There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and
surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for
surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often
used.
This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is 260
°C; solder at this temperature must not be in contact with the
joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds.
The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may
be necessary immediately after soldering to keep the temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more
than 2 mm above it. If the temperature of the soldering iron bit is less than 300
°C it may remain in contact for up to
10 seconds. If the bit temperature is between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Numéro de pièce similaire - TDA2653A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA2654 NXP-TDA2654 Datasheet
111Kb / 12P
   Vertical deflection circuit
November 1982
TDA2655B PHILIPS-TDA2655B Datasheet
284Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
December 1982
More results

Description similaire - TDA2653A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA2655B PHILIPS-TDA2655B Datasheet
284Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
December 1982
logo
STMicroelectronics
TDA8174 STMICROELECTRONICS-TDA8174 Datasheet
61Kb / 5P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A Datasheet
61Kb / 5P
   VERTICAL DEFLECTION CIRCUIT
TDA1771 STMICROELECTRONICS-TDA1771_03 Datasheet
57Kb / 5P
   VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA3651 PHILIPS-TDA3651 Datasheet
349Kb / 8P
   VERTICAL DEFLECTION CIRCUIT
February 1987
logo
STMicroelectronics
TDA1675A STMICROELECTRONICS-TDA1675A Datasheet
237Kb / 11P
   VERTICAL DEFLECTION CIRCUIT
TDA1771 STMICROELECTRONICS-TDA1771 Datasheet
75Kb / 4P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com