Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2616 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TDA2616
Description  2 x 12 W hi-fi audio power amplifiers with mute
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2616 Fiches technique(HTML) 2 Page - NXP Semiconductors

  TDA2616 Datasheet HTML 1Page - NXP Semiconductors TDA2616 Datasheet HTML 2Page - NXP Semiconductors TDA2616 Datasheet HTML 3Page - NXP Semiconductors TDA2616 Datasheet HTML 4Page - NXP Semiconductors TDA2616 Datasheet HTML 5Page - NXP Semiconductors TDA2616 Datasheet HTML 6Page - NXP Semiconductors TDA2616 Datasheet HTML 7Page - NXP Semiconductors TDA2616 Datasheet HTML 8Page - NXP Semiconductors TDA2616 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
July 1994
2
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers
with mute
TDA2616/TDA2616Q
FEATURES
• Requires very few external components
• No switch-on/switch-off clicks
• Input mute during switch-on and switch-off
• Low offset voltage between output and ground
• Excellent gain balance of both amplifiers
• Hi-fi in accordance with IEC 268 and DIN 45500
• Short-circuit proof and thermal protected
• Mute possibility.
GENERAL DESCRIPTION
The TDA2616 and TDA2616Q are dual power amplifiers.
The TDA2616 is supplied in a 9-lead single-in-line (SIL9)
plastic power package (SOT131), while the TDA2616Q is
supplied in a 9-lead SIL-bent-to-DIL plastic power package
(SOT157). They have been especially designed for mains
fed applications, such as stereo radio and stereo TV.
QUICK REFERENCE DATA
Stereo application
ORDERING INFORMATION
Notes
1. SOT131-2; 1996 August 27.
2. SOT157-2; 1996 August 27.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
±VP
supply voltage range
7.5
21
V
PO
output power
VP = ±16 V; THD = 0.5%
12
W
Gv
internal voltage gain
30
dB
Gv
channel unbalance
0.2
dB
α
channel separation
70
dB
SVRR
supply voltage ripple rejection
60
dB
Vno
noise output voltage
70
−µV
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA2616
9
SIL
plastic
SOT131(1)
TDA2616Q
9
SIL-bent-to-DIL
plastic
SOT157(2)


Numéro de pièce similaire - TDA2616

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA2616Q NXP-TDA2616Q Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
More results

Description similaire - TDA2616

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com