Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1599 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA1599
Description  IF amplifier/demodulator for FM radio receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1599 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA1599 Datasheet HTML 5Page - NXP Semiconductors TDA1599 Datasheet HTML 6Page - NXP Semiconductors TDA1599 Datasheet HTML 7Page - NXP Semiconductors TDA1599 Datasheet HTML 8Page - NXP Semiconductors TDA1599 Datasheet HTML 9Page - NXP Semiconductors TDA1599 Datasheet HTML 10Page - NXP Semiconductors TDA1599 Datasheet HTML 11Page - NXP Semiconductors TDA1599 Datasheet HTML 12Page - NXP Semiconductors TDA1599 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
May 1994
9
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1599
OPERATING CHARACTERISTICS (TDA1599T PINNING)
VP = 7.5 to 12 V; Tamb = +25 °C; FM-MUTE-ON (I7 = 0); fIF = 10.7 MHz; deviation ±22.5 kHz with fm = 400 Hz; Vi = 10 mV
RMS at pin 20; de-emphasis of 50
µs; tuned circuit at pins 10 and 11 aligned for symmetrical stop pulses;
measurements taken in Fig.4 unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IF amplifier and demodulator
Vi
input signal for start of limiting (
−3 dB)
(RMS value; pin 20)
V7 = VREF;
FM-MUTE-OFF
14
22
35
µV
input signal for signal-to-noise ratio
(RMS value)
f = 250 to 15000 Hz
S/N = 26 dB
V7 = VREF
15
−µV
S/N = 46 dB
V7 = VREF
60
−µV
S/N
signal-to-noise ratio
deviation
±75 kHZ
82
dB
Vo
AF output signal (RMS value; pin 4)
180
200
220
mV
THD
total harmonic distortion
deviation
±75 kHz;
without de-emphasis
fm = 1 kHz; I7 = 0
without detuning
0.1
0.3
%
±25 kHz detuning
−−
0.6
%
compensated via pin 3
V7 = VREF
0.07
0.25
%
∆V4
K2 adjustment
(
∆V4 = V4(V3 = 0) − V4(V3 = VREF))
10
−−
mV
α
AM
AM suppression on pin 4
V7 = VREF; m = 30%
Vi = 0.3 to 1000 mV RMS
on pin 20
46
55
dB
Vi = 1 to 300 mV RMS
on pin 20
60
65
dB
Dynamic mute attenuation
α = 20 log (∆V4(FM-MUTE-OFF)/∆V4(FM-MUTE-ON))
α
dynamic mute attenuation
deviation
±75 kHz;
14
dB
fm = 100 kHz;
V2 = 1 V
Tuning stop detector
∆f
detuning frequency for STOP-0
on pin 15; Fig.11
for V15 ≥ 3.5 V
−−
+14.0
kHz
for V15 ≤ 0.3 V
+22.0
−−
kHz
∆f
detuning frequency for STOP-1
on pin 14; Fig.10
for V14 ≥ 3.5 V
−−−14.0
kHz
for V14 ≤ 0.3 V
−22.0
−−
kHz
V20
dependence on input voltage for
STOP-0 and STOP-1 (RMS value)
Fig.9;
V14, 15 ≥ 3.5 V
250
−−µV
V14, 15 ≤ 0.3 V
−−
50
µV
R8
internal low-pass resistance of detune
detector
12
25
50
k


Numéro de pièce similaire - TDA1599

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
More results

Description similaire - TDA1599

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com