Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1574T Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA1574T
Description  Integrated FM tuner for radio receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1574T Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA1574T Datasheet HTML 2Page - NXP Semiconductors TDA1574T Datasheet HTML 3Page - NXP Semiconductors TDA1574T Datasheet HTML 4Page - NXP Semiconductors TDA1574T Datasheet HTML 5Page - NXP Semiconductors TDA1574T Datasheet HTML 6Page - NXP Semiconductors TDA1574T Datasheet HTML 7Page - NXP Semiconductors TDA1574T Datasheet HTML 8Page - NXP Semiconductors TDA1574T Datasheet HTML 9Page - NXP Semiconductors TDA1574T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
August 1990
6
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574T
CHARACTERISTICS
VP = V17-4 = 8.5 V; Tamb = 25 °C; measured in test circuit Fig.1;
All measurements are with respect to ground (pin 4); unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 17)
Supply voltage
VP = V17
V17
7
14
V
Supply current
(except mixer)
IP = I17
I17
16
23
30
mA
Reference voltage (pin 5)
V5
4.0
4.2
4.4
V
Mixer
DC characteristics
Input bias voltage
(pins 1 and 2)
V1,2
1
V
Output voltage
(pins 18 and 19)
V18,19
4
35
V
Other current
(pins 18 and 19)
I18 + 19
4.5
mA
AC characteristics
fi = 98 MHz
Noise figure
NF
9
dB
Noise figure including
transforming network
NF
11
dB
3rd order intercept point
EMF1IP3
115
dB/
µV
Conversion power gain
note 1
GCP
14
dB
Input resistance
(pins 1 and 2)
R1,2
14
−Ω
Output capacitance
(pins 18 and 19)
C18, 19
13
pF
Oscillator
DC characteristics
Input voltage
(pins 7 and 8)
V7,8
1.3
V
Output voltage (pin 6)
V6
2
V
AC characteristics
Residual FM (bandwidth =
300 Hz to 15 kHz)
de-emphasis = 50
µs
∆f
2.2
Hz
Linear IF amplifier
DC characteristics
Input bias voltage (pin 15)
V15
1.2
V


Numéro de pièce similaire - TDA1574T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
More results

Description similaire - TDA1574T

FabricantNo de pièceFiches techniqueDescription
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
   Highly integrated tuner for AM/FM car radio
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com