Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1563 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA1563
Description  2 x 25 W high efficiency car radio power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1563 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA1563 Datasheet HTML 2Page - NXP Semiconductors TDA1563 Datasheet HTML 3Page - NXP Semiconductors TDA1563 Datasheet HTML 4Page - NXP Semiconductors TDA1563 Datasheet HTML 5Page - NXP Semiconductors TDA1563 Datasheet HTML 6Page - NXP Semiconductors TDA1563 Datasheet HTML 7Page - NXP Semiconductors TDA1563 Datasheet HTML 8Page - NXP Semiconductors TDA1563 Datasheet HTML 9Page - NXP Semiconductors TDA1563 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
2000 Feb 09
6
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. The value of Rth(c-h) depends on the application (see Fig.3).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
18
V
non-operating
30
V
load dump; tr > 2.5 ms
45
V
VP(sc)
short-circuit safe voltage
18
V
Vrp
reverse polarity voltage
6V
IORM
repetitive peak output current
4A
Ptot
total power dissipation
60
W
Tstg
storage temperature
−55
+150
°C
Tvj
virtual junction temperature
150
°C
Tamb
ambient temperature
−40
−°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
see note 1
1.3
K/W
Rth(j-a)
thermal resistance from junction to ambient
40
K/W
Heatsink design
There are two parameters that determine the size of the
heatsink. The first is the rating for the virtual junction
temperature and the second is the ambient temperature at
which the amplifier must still deliver its full power in the
BTL mode.
With a conventional BTL amplifier, the maximum power
dissipation with a music-like signal (at each amplifier) will
be approximately two times 6.5 W.
At a virtual junction temperature of 150
°C and a maximum
ambient temperature of 65
°C, Rth(vj-c) = 1.3 K/W and
Rth(c-h) = 0.2 K/W, the thermal resistance of the heatsink
should be:
Compared to a conventional BTL amplifier, the TDA1563Q
has a higher efficiency. The thermal resistance of the
heatsink should be:
150
65
2
6.5
×
----------------------
1.3
0.2
5 K/W
=
150
65
2
6.5
×
----------------------
1.3
0.2
5 K/W
=
1.7
145
65
2
6.5
×
----------------------

 1.3
0.2
9 K/W
=
handbook, halfpage
3.6 K/W
0.6 K/W
3.6 K/W
virtual junction
OUT 1
OUT 1
case
3.6 K/W
0.6 K/W
3.6 K/W
OUT 2
OUT 2
MGC424
0.1 K/W
Fig.3 Thermal equivalent resistance network.


Numéro de pièce similaire - TDA1563

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

Description similaire - TDA1563

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1564 PHILIPS-TDA1564 Datasheet
224Kb / 30P
   High efficiency 2 X 25 W/4 stereo car radio power amplifier
2004 Jan 27
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
   2 x 35 W power amplifier for car radio
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com