Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1548TZ Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA1548TZ
Description  Bitstream continuous calibration filter-DAC with headphone driver and DSP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1548TZ Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA1548TZ Datasheet HTML 3Page - NXP Semiconductors TDA1548TZ Datasheet HTML 4Page - NXP Semiconductors TDA1548TZ Datasheet HTML 5Page - NXP Semiconductors TDA1548TZ Datasheet HTML 6Page - NXP Semiconductors TDA1548TZ Datasheet HTML 7Page - NXP Semiconductors TDA1548TZ Datasheet HTML 8Page - NXP Semiconductors TDA1548TZ Datasheet HTML 9Page - NXP Semiconductors TDA1548TZ Datasheet HTML 10Page - NXP Semiconductors TDA1548TZ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1995 Nov 15
7
Philips Semiconductors
Product specification
Bitstream continuous calibration filter-DAC
with headphone driver and DSP
TDA1548T
Soft mute
Soft mute is controlled by MUTE (pin 16). When the input
is active HIGH the value of the sample is decreased
smoothly to zero following a raised cosine curve.
32 coefficients are used to step down the value of the data,
each one being used 32 times before stepping on to the
next. This amounts to a mute transition time of 23 ms at
fs = 44.1 kHz. When MUTE is released (LOW), the
samples are returned to the full level again following a
raised cosine curve with the same coefficients being used
in the reverse order. Mute is synchronized to the sample
clock, so that the operation always takes place on
complete samples.
Digital sound processing features
BASS BOOST
A strong bass boost effect, which is useful in
compensating for poor bass response of portable
headphone sets, is implemented digitally in the TDA1548T
and can be controlled by ADBB (pin 20) and AD3S
(pin 22). Table 3 shows the bass boost values at different
input voltages. Table 4 shows the selection mode status
(flat/min/max) at different input voltages. Valid settings
range from “flat” (no influence on audio) to +18 dB with
step sizes of 2 dB in “minimum” and to +24 dB with step
sizes of 2 dB in “maximum”. The programmable bass
boost filter is a second-order shelving type with a fixed
corner frequency of 130 Hz for the “minimum” setting and
a fixed corner frequency of 230 Hz for the “maximum”
setting and has a Butterworth characteristic. Because of
the exceptional amount of programmable gain, bass boost
should be used in conjunction with adequate prior
attenuation, using the volume control.
TREBLE
A treble effect is implemented digitally in the TDA1548T
and can be controlled by ADTR (pin 19) and AD3S
(pin 22). Table 3 shows the treble values at different input
voltages. Table 4 shows the selection mode status
(flat/min/max) at different input voltages. Valid settings
range from “flat” (no influence on audio) to +6 dB with step
sizes of 2 dB in “minimum” and to +6 dB with a step size of
2 dB in “maximum”. The programmable treble filter is a
first-order shelving type with a fixed corner frequency of
2.8 kHz for the “minimum” setting and a fixed corner
frequency of 5.0 kHz for the “maximum” setting.
DE-EMPHASIS
De-emphasis is controlled by DEEM (pin 15). The digital
de-emphasis filter is dimensioned to produce the
de-emphasis frequency characteristics for the sample rate
44.1 kHz. With its 18-bit dynamic range, the digital
de-emphasis of the TDA1548T is a convenient and
component-saving alternative to analog de-emphasis.
When the DEEM pin is active HIGH, de-emphasis is
enabled. De-emphasis is synchronized to the sample
clock, so that operation always takes place on complete
samples.
Oversampling filter and noise shaper
The digital filter is a four times oversampling filter.
It consists of two sections which each increase the sample
rate by 2.
The second order noise shaper operates at 64fs. It shifts
in-band quantization noise to frequencies well above the
audio band. This noise shaping technique, used in
combination with a sign-magnitude coding, enables high
signal-to-noise ratios to be achieved. The noise shaper
outputs a 5-bit PDM bitstream signal to the DAC.
Continuous calibration DAC
The dual 5-bit DAC uses the continuous calibration
technique. This method, based on charge storage,
involves exact duplication of a single reference current
source. In the TDA1548T, 32 such current sources
plus 1 spare source are continuously calibrated.
The spare source is included to allow continuous converter
operation.
The DAC receives a 5-bit data bitstream from the noise
shaper. This data is converted to a sign-magnitude code
so that no current is switched to the output during digital
silence (input 00000H). In this way very high
signal-to-noise performance is achieved.
Component-saving stereo headphone driver
High precision, low-noise amplifiers together with the
internal conversion resistors RCONV1 and RCONV2 convert
the converter output current to a voltage capable of driving
a line output or headphone. The voltage is available at
VOL and VOR (0.64 V RMS typical).
A major component saving feature of the TDA1548T is that
no DC-blocking capacitors are needed in the application,
despite the asymmetrical supply. The VCOM output, pin 2,
is biased to the same voltage that the right and left channel
voltage outputs are, Vref, and is capable of sinking the sum
of left and right channel load currents. Therefore,
connecting a load between one of the outputs and VCOM
only gives rise to a negligible amount of DC current
through the load.


Numéro de pièce similaire - TDA1548TZ

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
TDA1548AG DELTA-TDA1548AG Datasheet
751Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Description similaire - TDA1548TZ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com