Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1387T Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA1387T
Description  Stereo Continuous Calibration DAC CC-DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1387T Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA1387T Datasheet HTML 7Page - NXP Semiconductors TDA1387T Datasheet HTML 8Page - NXP Semiconductors TDA1387T Datasheet HTML 9Page - NXP Semiconductors TDA1387T Datasheet HTML 10Page - NXP Semiconductors TDA1387T Datasheet HTML 11Page - NXP Semiconductors TDA1387T Datasheet HTML 12Page - NXP Semiconductors TDA1387T Datasheet HTML 13Page - NXP Semiconductors TDA1387T Datasheet HTML 14Page - NXP Semiconductors TDA1387T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1995 Dec 11
11
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC (CC-DAC)
TDA1387T
PACKAGE OUTLINE
UNIT
A
bp
cD(1)
2
E(2)
(1)
eHE
LQ
Z
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.45
1.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.4
6.2
1.2
0.7
0.6
0.7
0.3
0.25
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT96-2
X
w M
bp
D
HE
Q
detail X
E
Z
e
c
L
v M A
A
4
5
1
8
pin 1 index
0.057
0.049
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.050
0.252
0.244
0.028
0.024
0.028
0.012
0.01
0.01
0.047
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads (straight); body width 3.9 mm
SOT96-2
A2
95-02-04
97-05-22


Numéro de pièce similaire - TDA1387T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1386 PHILIPS-TDA1386 Datasheet
167Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
TDA1386T PHILIPS-TDA1386T Datasheet
167Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388M PHILIPS-TDA1388M Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Description similaire - TDA1387T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com