Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1311A Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA1311A
Description  Stereo Continuous Calibration DAC CC-DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1311A Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA1311A Datasheet HTML 7Page - NXP Semiconductors TDA1311A Datasheet HTML 8Page - NXP Semiconductors TDA1311A Datasheet HTML 9Page - NXP Semiconductors TDA1311A Datasheet HTML 10Page - NXP Semiconductors TDA1311A Datasheet HTML 11Page - NXP Semiconductors TDA1311A Datasheet HTML 12Page - NXP Semiconductors TDA1311A Datasheet HTML 13Page - NXP Semiconductors TDA1311A Datasheet HTML 14Page - NXP Semiconductors TDA1311A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1995 Dec 18
11
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1311A
Fig.7 Recommended printed-circuit board layouts.
handbook, full pagewidth
MSA739
V DD
R
V DD
C1
C2
Interface examples
The following figures (Figs 8 to 14) show examples of connections to commonly used decoder and digital filter ICs. The
digital interface part is shown only, for clarity. The diagrams are for guidance purposes only - no guarantee for industrial
exploitation is implied.
Fig.8 NPC SM5807 digital filter (4FS).
handbook, halfpage
SM5807
15
BCKO
14
LRCOn
12
DOUT
TDA1311A
TDA1311AT
1
BCK
2
WS
3
DATA
1
remark: SCSLn
− signal SM5807 both "L" and "H" supported
by TDA1311A and TDA1311AT
MBG864


Numéro de pièce similaire - TDA1311A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1312 PHILIPS-TDA1312 Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results

Description similaire - TDA1311A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com