Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1300 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA1300
Description  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA1300 Datasheet HTML 6Page - NXP Semiconductors TDA1300 Datasheet HTML 7Page - NXP Semiconductors TDA1300 Datasheet HTML 8Page - NXP Semiconductors TDA1300 Datasheet HTML 9Page - NXP Semiconductors TDA1300 Datasheet HTML 10Page - NXP Semiconductors TDA1300 Datasheet HTML 11Page - NXP Semiconductors TDA1300 Datasheet HTML 12Page - NXP Semiconductors TDA1300 Datasheet HTML 13Page - NXP Semiconductors TDA1300 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Jul 15
10
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
Transfer functions; see Fig.6
The equalized amplifier including Cext and Rext has the following transfer functions, where ‘RFE’ refers to equalized
output only and ‘RF’ refers to equalized and not equalized outputs.
FOR SINGLE SPEED (SP = LOGIC 1)
(1)
FOR DOUBLE SPEED (SP = LOGIC 0)
(2)
The denominator forms the denominator of a Bessel low-pass filter.
Symbols used in equations (1) and (2) are explained in Table 3.
Table 3
Transresistance
SYMBOL
DESCRIPTION
TYP.
UNIT
k
internally defined
4
ωos1
internally defined
1.094
Q
internally defined
0.691
ω
od =2 ×ωos
internally defined
17.6
× 10−6
rad/s
RRF
see Chapter “Characteristics”
Rext
external resistor
750
Cext
external capacitor
47
pF
V
RFE
I
i(central)
-------------------
R
RF
1ks
2


ω
2
os
11 Q
s
ω
os
s
2 ω2
os
+
×
+
------------------------------------------------------------------------
1
1s
ω
1
+
-----------------------
1
1sR
ext
C
ext
×
+
------------------------------------------
×
×
×
=
V
RFE
I
i(central)
-------------------
R
RF
1ks
2


ω
2
os
11 Q
s
ω
od
s
2 ω2
od
+
×
+
-------------------------------------------------------------------------
1
1sR
ext
C
ext
×
+
------------------------------------------
×
×
=


Numéro de pièce similaire - TDA1300

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

Description similaire - TDA1300

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com