Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA10085 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA10085
Description  Single chip DVB-S/DSS channel receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA10085 Datasheet HTML 7Page - NXP Semiconductors TDA10085 Datasheet HTML 8Page - NXP Semiconductors TDA10085 Datasheet HTML 9Page - NXP Semiconductors TDA10085 Datasheet HTML 10Page - NXP Semiconductors TDA10085 Datasheet HTML 11Page - NXP Semiconductors TDA10085 Datasheet HTML 12Page - NXP Semiconductors TDA10085 Datasheet HTML 13Page - NXP Semiconductors TDA10085 Datasheet HTML 14Page - NXP Semiconductors TDA10085 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2001 Aug 31
11
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
10 APPLICATION INFORMATION
handbook, full pagewidth
8
TDA10085HT
VREFP
VREFN
VAGC
30
51-54
59-62
12
28
29
33
32
2
1
XIN
XOUT
DO[7-0]
50
OCLK
49
DEN
48
UNCOR
47
PSYNC
SDA-0
SCL-0
SCL
SDA
MGU428
VIN2
GND
15
14
13
VIN1
PLL
LO
from
LNB
90
° PHASE
SHIFT
MIXER
×
MIXER
×
The TDA10085 can receive a 4 MHz clock signal delivered by the PLL synthesizer, or can generate the sampling clock from a crystal connected
between XIN and XOUT.
Bypass capacitors (0.1
µF) should be placed close to ADC voltage references VREFP and VREFN.
Fig.3 Front-end receiver schematic.
handbook, full pagewidth
8
TDA10085
TUNER
channel I
VIN1
VAGC
30
15
51-54
59-62
12
28
29
33
32
63
21
CTRL1
22K
MPEG2
transport
stream
DO[7-0]
SDA-0
SCL-0
SCL
SDA
MGU429
VIN2
channel Q
LNB
LNB SUPPLY
GENERATION
Fig.4 Typical use of CTRL1 and 22K outputs.


Numéro de pièce similaire - TDA10085

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1001 PHILIPS-TDA1001 Datasheet
108Kb / 13P
   Interference and noise suppression circuit for FM receivers
December 1982
TDA1001B PHILIPS-TDA1001B Datasheet
108Kb / 13P
   Interference and noise suppression circuit for FM receivers
December 1982
TDA1001BT PHILIPS-TDA1001BT Datasheet
108Kb / 13P
   Interference and noise suppression circuit for FM receivers
December 1982
TDA10021 PHILIPS-TDA10021 Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
More results

Description similaire - TDA10085

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Silicon Laboratories
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
   SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
   SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
   DVB-T channel receiver
2001 Nov 08
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com