Moteur de recherche de fiches techniques de composants électroniques |
|
UF1003CT Fiches technique(PDF) 2 Page - Won-Top Electronics |
|
UF1003CT Fiches technique(HTML) 2 Page - Won-Top Electronics |
2 / 4 page UF1000CT – UF1008CT 2 of 4 © 2006 Won-Top Electronics 30 60 90 0 120 150 180 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 8.3 ms single half-sine-wave JEDEC method 10 100 400 0.1 1.0 10 100 V , REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance R 1006CT - 1008CT 1000CT - 1004CT 0 2 4 6 8 10 0 50 100 150 T , CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve C ° 0.1 1.0 10 100 0.2 0.6 1.0 1.4 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics F Pulse width = 300 s 2% duty cycle µ 1006CT - 1008CT 1003CT - 1004CT 1000CT - 1002CT |
Numéro de pièce similaire - UF1003CT |
|
Description similaire - UF1003CT |