Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2111 Fiches technique(PDF) 30 Page - Texas Instruments

No de pièce TSC2111
Description  AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSC2111 Fiches technique(HTML) 30 Page - Texas Instruments

Back Button TSC2111 Datasheet HTML 26Page - Texas Instruments TSC2111 Datasheet HTML 27Page - Texas Instruments TSC2111 Datasheet HTML 28Page - Texas Instruments TSC2111 Datasheet HTML 29Page - Texas Instruments TSC2111 Datasheet HTML 30Page - Texas Instruments TSC2111 Datasheet HTML 31Page - Texas Instruments TSC2111 Datasheet HTML 32Page - Texas Instruments TSC2111 Datasheet HTML 33Page - Texas Instruments TSC2111 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
TSC2111
SLAS495− JUNE 2006
www.ti.com
30
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0
200
400
600
800
1000
f − Frequency − Hz
Figure 20. Uncompensated Response For 16-
Ω Load and 50-mF Decoupling Capacitor
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0
200
400
600
800
1000
f − Frequency − Hz
Figure 21. Frequency Response For 16-
Ω Load and 50-mF Decoupling Capacitor After Gain
Compensation Using Above Set of Coefficients For Audio Effects Filter
Using the capless output configuration eliminates the need for these capacitors and removes the accompanying
high-pass filter entirely. However, this configuration does have one drawback – if the RETURN terminal of the
headphone jack (which is wired to the TSC2111 VGND pin) is ever connected to a ground that is shorted to the
TSC2111 ground pin, then the VGND amplifier enters short-circuit protection, and the audio output does not
function properly.
The TSC2111 incorporates a programmable short-circuit detection/protection function. In case of short circuit,
all analog outputs are disabled and a read only bit D1 of control register 1DH/page 2 is set. In such cases, there
are two ways to return to normal operation:
Hardware or software reset
Power down all the output drivers, which can be achieved by setting bits D12, D11, D 8, D7, and D6 of control
register 05H/page 2 and then wait for driver power down status flags (bits D15−D10 of control register
25H/page 2) to become 1. The wait time is typically less than 50 ms after which, output drivers can be
programmed as desired.


Numéro de pièce similaire - TSC2111

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSC211 STMICROELECTRONICS-TSC211 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
TSC2117 TI-TSC2117 Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZR TI-TSC2117IRGZR Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZT TI-TSC2117IRGZT Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
logo
STMicroelectronics
TSC211ICT STMICROELECTRONICS-TSC211ICT Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results

Description similaire - TSC2111

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com