Moteur de recherche de fiches techniques de composants électroniques |
|
IRLR3715Z Fiches technique(PDF) 4 Page - International Rectifier |
|
IRLR3715Z Fiches technique(HTML) 4 Page - International Rectifier |
4 / 11 page IRLR/U3715Z 4 www.irf.com Fig 8. Maximum Safe Operating Area Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage Fig 5. Typical Capacitance vs. Drain-to-Source Voltage Fig 7. Typical Source-Drain Diode Forward Voltage 1 10 100 VDS, Drain-to-Source Voltage (V) 10 100 1000 10000 VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd Coss Crss Ciss 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VSD, Source-to-Drain Voltage (V) 0.10 1.00 10.00 100.00 1000.00 TJ = 25°C TJ = 175°C VGS = 0V 1 10 100 VDS, Drain-to-Source Voltage (V) 0.1 1 10 100 1000 1msec 10msec OPERATION IN THIS AREA LIMITED BY R DS(on) 100µsec Tc = 25°C Tj = 175°C Single Pulse 024 68 10 QG Total Gate Charge (nC) 0.0 1.0 2.0 3.0 4.0 5.0 6.0 VDS= 16V VDS= 10V ID= 12A |
Numéro de pièce similaire - IRLR3715Z |
|
Description similaire - IRLR3715Z |