Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1050DC Fiches technique(PDF) 3 Page - Won-Top Electronics

No de pièce SB1050DC
Description  10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1050DC Fiches technique(HTML) 3 Page - Won-Top Electronics

  SB1050DC Datasheet HTML 1Page - Won-Top Electronics SB1050DC Datasheet HTML 2Page - Won-Top Electronics SB1050DC Datasheet HTML 3Page - Won-Top Electronics SB1050DC Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB1020DC – SB10100DC
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
800
340 x 337 x 45
800
370 x 370 x 420
6,400
15.0
inches(mm)
Product ID Label
Direction of Unreeling
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
330mm
24mm
16mm
0.24
(6.096)
0.33
(8.38)
0.12
(3.05)
0.42
(10.66)
0.04
(1.016)
0.08
(2.032)
0.63
(17.02)
WTE
SB10xxDC
WTE
= Manufacturer’s Logo
SB10xxDC
= Device Number
xx
= 20, 30, 40, 45, 50, 60, 80 or 100
Polarity
= As Marked on Body
24mm


Numéro de pièce similaire - SB1050DC

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB1050DC PANJIT-SB1050DC Datasheet
46Kb / 2P
   D2PAK SURFACT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 10 Ampere)
SB1050DC PANJIT-SB1050DC Datasheet
426Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB1050DC PANJIT-SB1050DC Datasheet
124Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SB1050DC ZSELEC-SB1050DC Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB1050DC-T3 WTE-SB1050DC-T3 Datasheet
46Kb / 3P
   10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SB1050DC

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBG1030CT DIODES-SBG1030CT_1 Datasheet
77Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. 4 - 2
logo
Won-Top Electronics
SB10150DC WTE-SB10150DC_08 Datasheet
68Kb / 4P
   10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB10150DC WTE-SB10150DC Datasheet
47Kb / 4P
   10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
   10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com