Moteur de recherche de fiches techniques de composants électroniques |
|
STA3KA60JE Fiches technique(PDF) 1 Page - Solid States Devices, Inc |
|
STA3KA60JE Fiches technique(HTML) 1 Page - Solid States Devices, Inc |
1 / 2 page PRELIMINARY Designer's Data Sheet SOLID STATE DEVICES, INC. FEATURES: TO-257JE Maximum Ratings o C -65 to +175 Top, Tstg 3,000 W 10 W PD PPP SYMBOL UNITS VALUE Peak Pulse Power @ 1.0 msec Operating and Storage Temperature Steady State Power Dissipation NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: TVS001B STA3KA13.6JE thru STA3KA800JE 3,000 WATTS PEAK PULSE POWER 13.6 - 800 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 13.6 - 800 Volts Unidirectional in TO-257 Package Glass Passivated Junction, Epoxy Encapsulated Assembly Meets all Environmental Requirements of Mil-RPF-19500 Custom Configuration Available Reverse Polarity Available (Add Suffix "R") 150oC Maximum Operating Temperature TX and TXV Level Screening Available Stand off Voltage 13.6-800 Volts VRWM PACKAGE OUTLINE: TO-257JE 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 APPLICATIONS: Voltage Sensitive Components Protection Protection against Power Interruption Lightning Protection Peak Surge Current (8.3 ms Pulse, Half Sine Wave) A 200 IFSM Note: SSDI's Transient Voltage Suppressors offer standard Breakdown Voltage Tolerances of "10%(A) and "5%(B). For other Voltages and Voltage Tolerances, contact SSDI's Marketing Department. |
Numéro de pièce similaire - STA3KA60JE |
|
Description similaire - STA3KA60JE |