Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD914-T1 Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce MMBD914-T1
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD914-T1 Fiches technique(HTML) 1 Page - Won-Top Electronics

  MMBD914-T1 Datasheet HTML 1Page - Won-Top Electronics MMBD914-T1 Datasheet HTML 2Page - Won-Top Electronics MMBD914-T1 Datasheet HTML 3Page - Won-Top Electronics MMBD914-T1 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD914
1 of 4
© 2006 Won-Top Electronics
Pb
MMBD914
SURFACE MOUNT FAST SWITCHING DIODE
Features
!
High Conductance
L
!
Fast Switching
A
!
Surface Mount Package Ideally Suited for
Automatic Insertion
!
For General Purpose and Switching
B
C
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
M
E
D
H
Mechanical Data
!
Case: SOT-23, Molded Plastic
K
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
G
!
Polarity: See Diagram
!
Weight: 0.008 grams (approx.)
!
Mounting Position: Any
!
Marking: T1
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
TOP VIEW
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
Average Rectified Output Current (Note 1)
IO
200
mA
Peak Forward Surge Current (Note 1)
@ t < 1.0µs
IFSM
2.0
A
Power Dissipation (Note 1)
Pd
350
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
357
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
WTE
POWER SEMICONDUCTORS
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm


Numéro de pièce similaire - MMBD914-T1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMBD914-13-F DIODES-MMBD914-13-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD914-7 DIODES-MMBD914-7 Datasheet
75Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 12 - 2
MMBD914-7-F DIODES-MMBD914-7-F Datasheet
250Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 19 - 2
MMBD914-7-F DIODES-MMBD914-7-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Vishay Siliconix
MMBD914-E3-08 VISHAY-MMBD914-E3-08 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
More results

Description similaire - MMBD914-T1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com