Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDA4C16GTH Fiches technique(PDF) 3 Page - EPCOS

No de pièce CDA4C16GTH
Description  CeraDiode SMD type, array, case size 0508, 0612
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

CDA4C16GTH Fiches technique(HTML) 3 Page - EPCOS

  CDA4C16GTH Datasheet HTML 1Page - EPCOS CDA4C16GTH Datasheet HTML 2Page - EPCOS CDA4C16GTH Datasheet HTML 3Page - EPCOS CDA4C16GTH Datasheet HTML 4Page - EPCOS CDA4C16GTH Datasheet HTML 5Page - EPCOS CDA4C16GTH Datasheet HTML 6Page - EPCOS CDA4C16GTH Datasheet HTML 7Page - EPCOS CDA4C16GTH Datasheet HTML 8Page - EPCOS CDA4C16GTH Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CeraDiode
B727**D****H***
SMD type, array, case size 0508, 0612
CDA*C**GTH
2007-02-20
Please read Important notes at
the end of this document.
Page 3 of 10
Application examples
MLV0095-J-E
controller
Ethernet
RJ 45
Jack
Note: Protection of Ethernet controller with CeraDiode array.
Pin configuration
Pin
Description
P1
GND
P2
GND
P3
GND
P4
GND
P5
I/O Line 1
P6
I/O Line 2
P7
I/O Line 3
P8
I/O Line 4
MLV0150-V
P8
P7
P6
P5
P2
P1
P3
P4
Due to the symmetrical configuration no marking information is needed. P1 and P8, P2 and P7, P3
and P6, P4 and P5 can be interchanged.
Maximum ratings (TA = 85 °C)
Rating
Symbol
Value
Unit
Maximum DC working voltage
VDC
CDA4C16GTH: 16
CDA5C16GTH: 16
V
Air discharge ESD capability
(to IEC 61000-4-2 method)
VESD
15
kV
Contact discharge ESD capability
(to IEC 61000-4-2 method)
VESD
8
kV
Operating temperature
(without derating)
Top
–40 to +85
°C
Storage temperature
Tstg
–40 to +125
°C


Numéro de pièce similaire - CDA4C16GTH

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
CDA4C16GTH EPCOS-CDA4C16GTH Datasheet
556Kb / 22P
   High-speed series
More results

Description similaire - CDA4C16GTH

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
CDA4C20GTA EPCOS-CDA4C20GTA Datasheet
103Kb / 10P
   CeraDiode SMD type, array, case size 0508, 0612
B72735D0050H062 EPCOS-B72735D0050H062 Datasheet
145Kb / 10P
   CeraDiode SMD type, array, case size 1012
logo
AVX Corporation
W3L16D225MAT3A AVX-W3L16D225MAT3A Datasheet
245Kb / 4P
   IDC Low Inductance Capacitors(RoHS) 0306/0612/0508 IDC
logo
Wurth Elektronik GmbH &...
82380050100 WURTH-82380050100 Datasheet
240Kb / 5P
   0508 ESD ARRAY 4 VARISTOR
06-07-31
82380180121 WURTH-82380180121 Datasheet
240Kb / 5P
   0612 ESD ARRAY 4 VARISTOR
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
logo
Kemet Corporation
CA064X151J5GACTU KEMET-CA064X151J5GACTU Datasheet
86Kb / 1P
   Array Comm C0G Flex, Ceramic, 150 pF, 5%, 50 VDC, C0G, SMD, MLCC, Array, Flex Termination, Class II, 0612
logo
Mallory Sonalert Produc...
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
   Case Size T1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com