Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAA7327 Fiches technique(PDF) 54 Page - NXP Semiconductors

No de pièce SAA7327
Description  Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7327 Fiches technique(HTML) 54 Page - NXP Semiconductors

Back Button SAA7327 Datasheet HTML 50Page - NXP Semiconductors SAA7327 Datasheet HTML 51Page - NXP Semiconductors SAA7327 Datasheet HTML 52Page - NXP Semiconductors SAA7327 Datasheet HTML 53Page - NXP Semiconductors SAA7327 Datasheet HTML 54Page - NXP Semiconductors SAA7327 Datasheet HTML 55Page - NXP Semiconductors SAA7327 Datasheet HTML 56Page - NXP Semiconductors SAA7327 Datasheet HTML 57Page - NXP Semiconductors SAA7327 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
1999 Jun 17
54
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc decoder
with integrated DAC for video CD (CD7 II)
SAA7327
10 OPERATING CHARACTERISTICS (SUBCODE INTERFACE TIMING)
VDD = 3.0 to 3.6 V; VSS = 0 V; Tamb = −10 to +70 °C; unless otherwise specified.
Note
1. The subcode timing is directly related to the overspeed factor ‘n’ in normal operating mode. ‘n’ is replaced by the disc
speed factor ‘d’, in lock-to-disc mode.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Subcode interface timing (single-speed
× n); see Fig.32; note 1
INPUT: PIN RCK
tCLKH
input clock HIGH time
2/n
4/n
6/n
µs
tCLKL
input clock LOW time
2/n
4/n
6/n
µs
tr
input clock rise time
−−
80/n
ns
tf
input clock fall time
−−
80/n
ns
td(SFSY-RCK)
delay time SFSY to RCK
10/n
20/n
µs
OUTPUTS: PINS SBSY, SFSY AND SUB (CL = 20 pF)
Tcy(block)
block cycle time
12.0/n
13.3/n
14.7/n
ms
tW(SBSY)
SBSY pulse width
−−
300/n
µs
Tcy(frame)
frame cycle time
122/n
136/n
150/n
µs
tW(SFSY)
SFSY pulse width (3-wire mode only)
−−
366/n
µs
tSFSYH
SFSY HIGH time
−−
66/n
µs
tSFSYL
SFSY LOW time
−−
84/n
µs
td(SFSY-SUB)
delay time SFSY to SUB (P data) valid
−−
1/n
µs
td(RCK-SUB)
delay time RCK falling to SUB
−−
0
µs
th(RCK-SUB)
hold time RCK to SUB
−−
0.7/n
µs


Numéro de pièce similaire - SAA7327

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results

Description similaire - SAA7327

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com