Moteur de recherche de fiches techniques de composants électroniques |
|
CDR05BX129ACUR Fiches technique(PDF) 9 Page - Kemet Corporation |
|
CDR05BX129ACUR Fiches technique(HTML) 9 Page - Kemet Corporation |
9 / 10 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 20° 20° Maximum component rotation. Typical component center line Punched Carrier (Paper Tape) Configuration (Ceramic Chips Only): Table 1: 8 & 12mm Punched Tape (Metric Dimensions Will Govern) Variable Dimensions - Millimeters (Inches) Note: 1. A0, B0 and T determined by the maximum dimensions to the ends of the terminals extending from the body and/or the body dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (A0, B0 and T) must be within 0.05mm (.002) minimum and 0.50mm (.020) maximum. The clearance allowed must also prevent rotation of the component within the cavity of not more than 20 degrees (see sketches A and B). 2. Tape with components shall pass around radius "R" without damage. 3. KEMET nominal thicknesses are: 0402 = 0.6mm and all others 0.95mm minimum. 8mm and 12mm 1.5 +0.10, -0.0 (.059 +0.004, -0.0) 1.75 ±0.10 (.069 ±0.004) 4.0 ± 0.10 (.157 ± 0.004) 2.0 ± 0.05 (.079 ± 0.002) 0.10 (.004) Max. 0.75 (.030) Min. 0.75 (.030) Min. 25 (.984) See Note 2 Table 1 Tape Size D0 P0 E P2 T1 G1 G2 R Min. 8mm 1/2 Pitch 2.0 ± 0.10 (.079 ±.004) See Require- ments Section 3.3 (d) 3.5 ± 0.05 (.138 ± .002) 8.0 ± 0.3 (.315 ± 0.012) See Note 1 Table 1 1.1mm (.043) Max. for Paper Base Tape and 1.6mm (.063) Max. for Non- Paper Base Compositions. See Note 3. Tape Size P1 W F A0B0 T 8mm 4.0 ± 0.10 (0.157 ± .004) 12mm 4.0 ± 0.10 (0.157 ± .004) 12mm Double Pitch 8.0 ± 0.10 (0.315 ± .004) 12.0 ± 0.3 (.472 ± .012) 5.5 ± 0.05 (.217 ± .002) Table 1: 8 & 12mm Punched Tape (Metric Dimensions Will Govern) Constant Dimensions - Millimeters (Inches) Sketch B: Max. Component Rotation - Front Cross Sectional View Sketch C: Component Rotation - Top View A0 B0 P1 P0 P2 D0 F E W Center lines of cavity 10 pitches cumulative tolerance on tape ±0.2 (±0.008) Top Tape Cover T User Direction of Feed T1 Max. Cavity Size See Note 1 Table 1 Bottom Tape Cover G2 R (Min.) Sketch A: Bending Radius See Note 2 Table 1 CERAMIC CHIP CAPACITORS Packaging Information 96 |
Numéro de pièce similaire - CDR05BX129ACUR |
|
Description similaire - CDR05BX129ACUR |