Moteur de recherche de fiches techniques de composants électroniques |
|
CDR02BP129BBWP Fiches technique(PDF) 5 Page - Kemet Corporation |
|
CDR02BP129BBWP Fiches technique(HTML) 5 Page - Kemet Corporation |
5 / 10 page CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 pF TOL. PART NUMBER 100 Volt — BX — C1812 SIZE (MILITARY CDR34) 27,000 K,M C1812N273(3)1X(4)C CDR34BX273B(3)W(4) 33,000 K,M C1812N333(3)1X(4)C CDR34BX333B(3)W(4) 39,000 K,M C1812N393(3)1X(4)C CDR34BX393B(3)W(4) 47,000 K,M C1812N473(3)1X(4)C CDR34BX473B(3)W(4) 56,000 K,M C1812N563(3)1X(4)C CDR34BX563B(3)W(4) 50 Volt — BX — C1812 SIZE (MILITARY CDR34) 100,000 K,M C1812N104(3)5X(4)C CDR34BX104A(3)W(4) 120,000 K,M C1812N124(3)5X(4)C CDR34BX124A(3)W(4) 150,000 K,M C1812N154(3)5X(4)C CDR34BX154A(3)W(4) 180,000 K,M C1812N184(3)5X(4)C CDR34BX184A(3)W(4) 100 Volt — BP — C1825 SIZE (MILITARY CDR35) 4,700 F,J,K C1825N472(3)1G(4)C CDR35BP472B(3)W(4) 5,100 F,J,K C1825N512(3)1G(4)C CDR35BP512B(3)W(4) 5,600 F,J,K C1825N562(3)1G(4)C CDR35BP562B(3)W(4) 6,200 F,J,K C1825N622(3)1G(4)C CDR35BP622B(3)W(4) 6,800 F,J,K C1825N682(3)1G(4)C CDR35BP682B(3)W(4) 7,500 F,J,K C1825N752(3)1G(4)C CDR35BP752B(3)W(4) 8,200 F,J,K C1825N822(3)1G(4)C CDR35BP822B(3)W(4) 9,100 F,J,K C1825N912(3)1G(4)C CDR35BP912B(3)W(4) 10,000 F,J,K C1825N103(3)1G(4)C CDR35BP103B(3)W(4) 50 Volt — BP — C1825 SIZE (MILITARY CDR35) 11,000 F,J,K C1825N113(3)5G(4)C CDR35BP113A(3)W(4) 12,000 F,J,K C1825N123(3)5G(4)C CDR35BP123A(3)W(4) 13,000 F,J,K C1825N133(3)5G(4)C CDR35BP133A(3)W(4) 15,000 F,J,K C1825N153(3)5G(4)C CDR35BP153A(3)W(4) 16,000 F,J,K C1825N163(3)5G(4)C CDR35BP163A(3)W(4) 18,000 F,J,K C1825N183(3)5G(4)C CDR35BP183A(3)W(4) 20,000 F,J,K C1825N203(3)5G(4)C CDR35BP203A(3)W(4) 22,000 F,J,K C1825N223(3)5G(4)C CDR35BP223A(3)W(4) 100 Volt — BX — C1825 SIZE (MILITARY CDR35) 56,000 K,M C1825N563(3)1X(4)C CDR35BX563B(3)W(4) 68,000 K,M C1825N683(3)1X(4)C CDR35BX683B(3)W(4) 82,000 K,M C1825N823(3)1X(4)C CDR35BX823B(3)W(4) 100,000 K,M C1825N104(3)1X(4)C CDR35BX104B(3)W(4) 120,000 K,M C1825N124(3)1X(4)C CDR35BX124B(3)W(4) 150,000 K,M C1825N154(3)1X(4)C CDR35BX154B(3)W(4) 50 Volt — BX — C1825 SIZE (MILITARY CDR35) 180,000 K,M C1825N184(3)5X(4)C CDR35BX184A(3)W(4) 220,000 K,M C1825N224(3)5X(4)C CDR35BX224A(3)W(4) 270,000 K,M C1825N274(3)5X(4)C CDR35BX274A(3)W(4) 330,000 K,M C1825N334(3)5X(4)C CDR35BX334A(3)W(4) 390,000 K,M C1825N394(3)5X(4)C CDR35BX394A(3)W(4) 470,000 K,M C1825N474(3)5X(4)C CDR35BX474A(3)W(4) BULK - BULK - CHIP BULK - ANTI-STATIC CHIP BULK - ANTI-STATIC SIZE REELED STD BAG BAG SIZE REELED STD BAG BAG C0805 2,500 25,000 10,000 C1808 2,500 7,500 3,000 C1206 2,500 25,000 10,000 C1812 1,100 7,500 3,000 C1210 2,500 25,000 10,000 C1825 1,100 7,500 1,000 C1805 2,500 7,500 3,000 C2225 1,100 5,000 1,000 CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 pF TOL. PART NUMBER 100 Volt — BP — C1210 SIZE (MILITARY CDR33) 1,000 F,J,K C1210N102(3)1G(4)C CDR33BP102B(3)W(4) 1,100 F,J,K C1210N112(3)1G(4)C CDR33BP112B(3)W(4) 1,200 F,J,K C1210N122(3)1G(4)C CDR33BP122B(3)W(4) 1,300 F,J,K C1210N132(3)1G(4)C CDR33BP132B(3)W(4) 1,500 F,J,K C1210N152(3)1G(4)C CDR33BP152B(3)W(4) 1,600 F,J,K C1210N162(3)1G(4)C CDR33BP162B(3)W(4) 1,800 F,J,K C1210N182(3)1G(4)C CDR33BP182B(3)W(4) 2,000 F,J,K C1210N202(3)1G(4)C CDR33BP202B(3)W(4) 2,200 F,J,K C1210N222(3)1G(4)C CDR33BP222B(3)W(4) 50 Volt — BP — C1210 SIZE (MILITARY CDR33) 2,400 F,J,K C1210N242(3)5G(4)C CDR33BP242A(3)W(4) 2,700 F,J,K C1210N272(3)5G(4)C CDR33BP272A(3)W(4) 3,000 F,J,K C1210N302(3)5G(4)C CDR33BP302A(3)W(4) 3,300 F,J,K C1210N332(3)5G(4)C CDR33BP332A(3)W(4) 100 Volt — BX — C1210 SIZE (MILITARY CDR33) 15,000 K,M C1210N153(3)1X(4)C CDR33BX153B(3)W(4) 18,000 K,M C1210N183(3)1X(4)C CDR33BX183B(3)W(4) 22,000 K,M C1210N223(3)1X(4)C CDR33BX223B(3)W(4) 27,000 K,M C1210N273(3)1X(4)C CDR33BX273B(3)W(4) 50 Volt — BX — C1210 SIZE (MILITARY CDR33) 39,000 K,M C1210N393(3)5X(4)C CDR33BX393A(3)W(4) 47,000 K,M C1210N473(3)5X(4)C CDR33BX473A(3)W(4) 56,000 K,M C1210N563(3)5X(4)C CDR33BX563A(3)W(4) 68,000 K,M C1210N683(3)5X(4)C CDR33BX683A(3)W(4) 82,000 K,M C1210N823(3)5X(4)C CDR33BX823A(3)W(4) 100,000 K,M C1210N104(3)5X(4)C CDR33BX104A(3)W(4) 100 Volt — BP — C1812 SIZE (MILITARY CDR34) 2,200 F,J,K C1812N222(3)1G(4)C CDR34BP222B(3)W(4) 2,400 F,J,K C1812N242(3)1G(4)C CDR34BP242B(3)W(4) 2,700 F,J,K C1812N272(3)1G(4)C CDR34BP272B(3)W(4) 3,000 F,J,K C1812N302(3)1G(4)C CDR34BP302B(3)W(4) 3,300 F,J,K C1812N332(3)1G(4)C CDR34BP332B(3)W(4) 3,600 F,J,K C1812N362(3)1G(4)C CDR34BP362B(3)W(4) 3,900 F,J,K C1812N392(3)1G(4)C CDR34BP392B(3)W(4) 4,300 F,J,K C1812N432(3)1G(4)C CDR34BP432B(3)W(4) 4,700 F,J,K C1812N472(3)1G(4)C CDR34BP472B(3)W(4) 50 Volt — BP — C1812 SIZE (MILITARY CDR34) 5,100 F,J,K C1812N512(3)5G(4)C CDR34BP512A(3)W(4) 5,600 F,J,K C1812N562(3)5G(4)C CDR34BP562A(3)W(4) 6,200 F,J,K C1812N622(3)5G(4)C CDR34BP622A(3)W(4) 6,800 F,J,K C1812N682(3)5G(4)C CDR34BP682A(3)W(4) 7,500 F,J,K C1812N752(3)5G(4)C CDR34BP752A(3)W(4) 8,200 F,J,K C1812N822(3)5G(4)C CDR34BP822A(3)W(4) 9,100 F,J,K C1812N912(3)5G(4)C CDR34BP912A(3)W(4) 10,000 F,J,K C1812N103(3)5G(4)C CDR34BP103A(3)W(4) MIL-PRF-55681 MAXIMUM INDIVIDUAL PACKAGING QUANTITIES ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CERAMIC CHIP/MIL-PRF-55681 Established Reliability RATINGS & PART NUMBER REFERENCE (1) To complete Part Number for Dielectric, insert P or X symbol – as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. (“G” for Military “BP,” or “X” for Military “BX.”) (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B – ±0.1 pF, C – ±0.25 pF, D – ±0.5pF, F – ±1%, J – ±5%, K – ±10%, M – ±20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M –1.0%; P –0.1%; R –0.01%; S –.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 “W”; KEMET “C”) end metal- ization. If MIL-PRF-55681 “U” or “S” (KEMET “H”) or MIL-PRF-55681 “Y” (KEMET “C”) is required, please change designators accordingly. MIL-PRF-55681 chips available in 7" reels only. 91 |
Numéro de pièce similaire - CDR02BP129BBWP |
|
Description similaire - CDR02BP129BBWP |