Moteur de recherche de fiches techniques de composants électroniques |
|
CDR06BP101ABWP Fiches technique(PDF) 4 Page - Kemet Corporation |
|
CDR06BP101ABWP Fiches technique(HTML) 4 Page - Kemet Corporation |
4 / 10 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 pF TOL. PART NUMBER 100 Volt — BP — C1206 SIZE (MILITARY CDR32) 1.0 B,C C1206N109(3)1G(4)C CDR32BP1R0B(3)W(4) 1.1 B,C C1206N119(3)1G(4)C CDR32BP1R1B(3)W(4) 1.2 B,C C1206N129(3)1G(4)C CDR32BP1R2B(3)W(4) 1.3 B,C C1206N139(3)1G(4)C CDR32BP1R3B(3)W(4) 1.5 B,C C1206N159(3)1G(4)C CDR32BP1R5B(3)W(4) 1.6 B,C C1206N169(3)1G(4)C CDR32BP1R6B(3)W(4) 1.8 B,C C1206N189(3)1G(4)C CDR32BP1R8B(3)W(4) 2.0 B,C C1206N209(3)1G(4)C CDR32BP2R0B(3)W(4) 2.2 B,C C1206N229(3)1G(4)C CDR32BP2R2B(3)W(4) 2.4 B,C C1206N249(3)1G(4)C CDR32BP2R4B(3)W(4) 2.7 B,C,D C1206N279(3)1G(4)C CDR32BP2R7B(3)W(4) 3.0 B,C,D C1206N309(3)1G(4)C CDR32BP3R0B(3)W(4) 3.3 B,C,D C1206N339(3)1G(4)C CDR32BP3R3B(3)W(4) 3.6 B,C,D C1206N369(3)1G(4)C CDR32BP3R6B(3)W(4) 3.9 B,C,D C1206N399(3)1G(4)C CDR32BP3R9B(3)W(4) 4.3 B,C,D C1206N439(3)1G(4)C CDR32BP4R3B(3)W(4) 4.7 B,C,D C1206N479(3)1G(4)C CDR32BP4R7B(3)W(4) 5.1 B,C,D C1206N519(3)1G(4)C CDR32BP5R1B(3)W(4) 5.6 B,C,D C1206N569(3)1G(4)C CDR32BP5R6B(3)W(4) 6.2 B,C,D C1206N629(3)1G(4)C CDR32BP6R2B(3)W(4) 6.8 B,C,D C1206N689(3)1G(4)C CDR32BP6R8B(3)W(4) 7.5 B,C,D C1206N759(3)1G(4)C CDR32BP7R5B(3)W(4) 8.2 B,C,D C1206N829(3)1G(4)C CDR32BP8R2B(3)W(4) 9.1 B,C,D C1206N919(3)1G(4)C CDR32BP9R1B(3)W(4) 10 F,J,K C1206N100(3)1G(4)C CDR32BP100B(3)W(4) 11 F,J,K C1206N110(3)1G(4)C CDR32BP110B(3)W(4) 12 F,J,K C1206N120(3)1G(4)C CDR32BP120B(3)W(4) 13 F,J,K C1206N130(3)1G(4)C CDR32BP130B(3)W(4) 15 F,J,K C1206N150(3)1G(4)C CDR32BP150B(3)W(4) 16 F,J,K C1206N160(3)1G(4)C CDR32BP160B(3)W(4) 18 F,J,K C1206N180(3)1G(4)C CDR32BP180B(3)W(4) 20 F,J,K C1206N200(3)1G(4)C CDR32BP200B(3)W(4) 22 F,J,K C1206N220(3)1G(4)C CDR32BP220B(3)W(4) 24 F,J,K C1206N240(3)1G(4)C CDR32BP240B(3)W(4) 27 F,J,K C1206N270(3)1G(4)C CDR32BP270B(3)W(4) 30 F,J,K C1206N300(3)1G(4)C CDR32BP300B(3)W(4) 33 F,J,K C1206N330(3)1G(4)C CDR32BP330B(3)W(4) 36 F,J,K C1206N360(3)1G(4)C CDR32BP360B(3)W(4) 39 F,J,K C1206N390(3)1G(4)C CDR32BP390B(3)W(4) 43 F,J,K C1206N430(3)1G(4)C CDR32BP430B(3)W(4) 47 F,J,K C1206N470(3)1G(4)C CDR32BP470B(3)W(4) 51 F,J,K C1206N510(3)1G(4)C CDR32BP510B(3)W(4) 56 F,J,K C1206N560(3)1G(4)C CDR32BP560B(3)W(4) 62 F,J,K C1206N620(3)1G(4)C CDR32BP620B(3)W(4) 68 F,J,K C1206N680(3)1G(4)C CDR32BP680B(3)W(4) 75 F,J,K C1206N750(3)1G(4)C CDR32BP750B(3)W(4) 82 F,J,K C1206N820(3)1G(4)C CDR32BP820B(3)W(4) 91 F,J,K C1206N910(3)1G(4)C CDR32BP910B(3)W(4) 100 F,J,K C1206N101(3)1G(4)C CDR32BP101B(3)W(4) CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 pF TOL. PART NUMBER 100 Volt — BP — C1206 SIZE (MILITARY CDR32) 110 F,J,K C1206N111(3)1G(4)C CDR32BP111B(3)W(4) 120 F,J,K C1206N121(3)1G(4)C CDR32BP121B(3)W(4) 130 F,J,K C1206N131(3)1G(4)C CDR32BP131B(3)W(4) 150 F,J,K C1206N151(3)1G(4)C CDR32BP151B(3)W(4) 160 F,J,K C1206N161(3)1G(4)C CDR32BP161B(3)W(4) 180 F,J,K C1206N181(3)1G(4)C CDR32BP181B(3)W(4) 200 F,J,K C1206N201(3)1G(4)C CDR32BP201B(3)W(4) 220 F,J,K C1206N221(3)1G(4)C CDR32BP221B(3)W(4) 240 F,J,K C1206N241(3)1G(4)C CDR32BP241B(3)W(4) 270 F,J,K C1206N271(3)1G(4)C CDR32BP271B(3)W(4) 300 F,J,K C1206N301(3)1G(4)C CDR32BP301B(3)W(4) 330 F,J,K C1206N331(3)1G(4)C CDR32BP331B(3)W(4) 360 F,J,K C1206N361(3)1G(4)C CDR32BP361B(3)W(4) 390 F,J,K C1206N391(3)1G(4)C CDR32BP391B(3)W(4) 430 F,J,K C1206N431(3)1G(4)C CDR32BP431B(3)W(4) 470 F,J,K C1206N471(3)1G(4)C CDR32BP471B(3)W(4) 510 F,J,K C1206N511(3)1G(4)C CDR32BP511B(3)W(4) 560 F,J,K C1206N561(3)1G(4)C CDR32BP561B(3)W(4) 620 F,J,K C1206N621(3)1G(4)C CDR32BP621B(3)W(4) 680 F,J,K C1206N681(3)1G(4)C CDR32BP681B(3)W(4) 750 F,J,K C1206N751(3)1G(4)C CDR32BP751B(3)W(4) 820 F,J,K C1206N821(3)1G(4)C CDR32BP821B(3)W(4) 910 F,J,K C1206N911(3)1G(4)C CDR32BP911B(3)W(4) 1,000 F,J,K C1206N102(3)1G(4)C CDR32BP102B(3)W(4) 50 Volt — BP — C1206 SIZE (MILITARY CDR32) 1,100 F,J,K C1206N112(3)5G(4)C CDR32BP112A(3)W(4) 1,200 F,J,K C1206N122(3)5G(4)C CDR32BP122A(3)W(4) 1,300 F,J,K C1206N132(3)5G(4)C CDR32BP132A(3)W(4) 1,500 F,J,K C1206N152(3)5G(4)C CDR32BP152A(3)W(4) 1,600 F,J,K C1206N162(3)5G(4)C CDR32BP162A(3)W(4) 1,800 F,J,K C1206N182(3)5G(4)C CDR32BP182A(3)W(4) 2,000 F,J,K C1206N202(3)5G(4)C CDR32BP202A(3)W(4) 2,200 F,J,K C1206N222(3)5G(4)C CDR32BP222A(3)W(4) 100 Volt — BX — C1206 SIZE (MILITARY CDR32) 4,700 K,M C1206N472(3)1X(4)C CDR32BX472B(3)W(4) 5,600 K,M C1206N562(3)1X(4)C CDR32BX562B(3)W(4) 6,800 K,M C1206N682(3)1X(4)C CDR32BX682B(3)W(4) 8,200 K,M C1206N822(3)1X(4)C CDR32BX822B(3)W(4) 10,000 K,M C1206N103(3)1X(4)C CDR32BX103B(3)W(4) 12,000 K,M C1206N123(3)1X(4)C CDR32BX123B(3)W(4) 15,000 K,M C1206N153(3)1X(4)C CDR32BX153B(3)W(4) 50 Volt — BX — C1206 SIZE (MILITARY CDR32) 18,000 K,M C1206N183(3)5X(4)C CDR32BX183A(3)W(4) 22,000 K,M C1206N223(3)5X(4)C CDR32BX223A(3)W(4) 27,000 K,M C1206N273(3)5X(4)C CDR32BX273A(3)W(4) 33,000 K,M C1206N333(3)5X(4)C CDR32BX333A(3)W(4) 39,000 K,M C1206N393(3)5X(4)C CDR32BX393A(3)W(4) CERAMIC CHIP/MIL-PRF-55681 Established Reliability RATINGS & PART NUMBER REFERENCE (1) To complete Part Number for Dielectric, insert P or X symbol – as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. (“G” for Military “BP,” or “X” for Military “BX.”) (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B – ±0.1 pF, C – ±0.25 pF. D – ±0.5pF, F – ±1%, J – ±5%, K – ±10%, M – ±20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M –1.0%; P –0.1%; R –0.01%; S –.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 “W”; KEMET “C”) end metaliza- tion. If MIL-PRF-55681 “U” or “S” (KEMET “H”) or MIL-PRF-55681 “Y” (KEMET “C”) is required, please change designators accordingly. 90 |
Numéro de pièce similaire - CDR06BP101ABWP |
|
Description similaire - CDR06BP101ABWP |