Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDR01BX101BCUP Fiches technique(PDF) 7 Page - Kemet Corporation

No de pièce CDR01BX101BCUP
Description  CERAMIC CHIP/MIL-PRF-55681
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR01BX101BCUP Fiches technique(HTML) 7 Page - Kemet Corporation

Back Button CDR01BX101BCUP Datasheet HTML 2Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 3Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 4Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 5Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 6Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 7Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 8Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 9Page - Kemet Corporation CDR01BX101BCUP Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum.
2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 Newton to 1.0 Newton (10g to 100g)
12 mm
0.1 Newton to 1.3 Newton (10g to 130g)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier
tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape
shall be pulled at a velocity of 300 ±10 mm/minute.
3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13")
reels (with C-7280). Note that 13” reels are preferred.
4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only.
2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require
additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2)
4. The cavity defined by A
0
, B
0
, and K
0 shall be configured to surround the part with sufficient clearance such that the chip does not pro-
trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical
restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm
maximum in the pocket (not applicable to vertical clearance.)
Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern)
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
EP
0
P
2
T Max
T
1 Max
8 mm
1.5
1.75 ±0.10
4.0 ±0.10
2.0 ±0.05
0.600
0.100
and
+0.10 -0.0
12 mm
(0.059
(0.069 ±0.004)
(0.157 ±0.004)
(0.079 ±0.002)
(0.024)
(0.004)
+0.004, -0.0)
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Max.
D
1 Min.
F
P
1
R Min.
T
2 Max
W
A
0B0K0
Note 1
Note 2
Note 3
Note 4
8 mm
Single
4.4
1.0
3.5 ±0.05
4.0 ±0.10
25.0
2.5
8.0 ±0.30
(4 mm)
(0.173)
(0.039)
(0.138 ±0.002)
(0.157 ±0.004) (0.984)
(0.098)
(.315 ±0.012)
12 mm
Double
8.2
1.5
5.5 ±0.05
8.0 ±0.10
30.0
4.6
12.0 ±0.30
(8 mm)
(0.323)
(0.059)
(0.217 ±0.002)
(0.315 ±0.004) (1.181)
(0.181) (0.472 ±0.012)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
94


Numéro de pièce similaire - CDR01BX101BCUP

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
CDR01BX101BKM KEMET-CDR01BX101BKM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
CDR01BX101BKP KEMET-CDR01BX101BKP Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
CDR01BX101BSM KEMET-CDR01BX101BSM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
CDR01BX101BSP KEMET-CDR01BX101BSP Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
CDR01BX101BUM KEMET-CDR01BX101BUM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
More results

Description similaire - CDR01BX101BCUP

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
   MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com