Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRD64L42 Fiches technique(PDF) 15 Page - Exar Corporation

No de pièce XRD64L42
Description  Dual 10-Bit 40MSPS CMOS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRD64L42 Fiches technique(HTML) 15 Page - Exar Corporation

Back Button XRD64L42 Datasheet HTML 8Page - Exar Corporation XRD64L42 Datasheet HTML 9Page - Exar Corporation XRD64L42 Datasheet HTML 10Page - Exar Corporation XRD64L42 Datasheet HTML 11Page - Exar Corporation XRD64L42 Datasheet HTML 12Page - Exar Corporation XRD64L42 Datasheet HTML 13Page - Exar Corporation XRD64L42 Datasheet HTML 14Page - Exar Corporation XRD64L42 Datasheet HTML 15Page - Exar Corporation XRD64L42 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
XRD64L42
15
Rev. P2.10
Figure 19. Rin of VINA+, VINB+ vs Temperature
at Fc=40MSPS
Figure 18. VCMO and VBG vs Temperature
Figure 16. SINAD vs Input Frequency, Differen-
tial and Single Ended Inputs, V
DD=3V
Figure 17. Supply Current vs Sample Clock
Frequency
SINAD vs Input Frequency
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
fIN (MHz)
Dif f er ent ial Input
Single- ended
ClockRat e: 40MHz
AVDD,DVDD @3.0v
Supply Current vs Sample Clock Frequency
0
10
20
30
40
50
60
70
10
15
20
25
30
35
40
45
50
55
60
fs (MSPS)
TA=25°C, 1MHz<Fin<10MHz
AIDD
DIDD
DOIDD
R in vs T em p erature
25.7
25.8
25.9
26
26.1
26.2
26.3
26.4
26.5
-40
+25
+85
Tem p. (°C )
VCMO and VBG vs Temp
1.235
1.24
1.245
1.25
1.255
1.26
-40
+25
+85
Temp (Degree C)
@VDD=3.0V
VCMO
VBG


Numéro de pièce similaire - XRD64L42

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43AIV EXAR-XRD64L43AIV Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
XRD64L44AIV EXAR-XRD64L44AIV Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
More results

Description similaire - XRD64L42

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
logo
Exar Corporation
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
logo
Analog Devices
AD9201 AD-AD9201 Datasheet
431Kb / 20P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com