Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SA9025 Datasheet(Fiches technique) 3 Page - NXP Semiconductors

Numéro de pièce SA9025
Description  900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
Télécharger  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 
 3 page
background image
Philips Semiconductors
Objective specification
SA9025
900 MHz transmit modulator and 2.2 GHz
fractional–N synthesizer
1997 Aug 01
3
CONNECTIONS
SR01455
PHP
V
RX
GND
GND
Ipeak
TANK1
XTAL
TX
DATA
CLOCK
LOCK
STROBE
GND
I
Q
CC
V CC
VCC
LO1
RXLO2
TXLO1
TXLO2
PHS out
EN
2
MAIN
DIV.
MAIN PD
and CP
AUX.
DIV.
AUX PD
and CP
REF.
DIV.
CONTROL
LOGIC
0
90
0
90
0
90
Q
I
÷M
÷N
÷A
Figure 2.
SA9025 Block Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SA9024900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
RF6001FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER 1 2 RF Micro Devices
CX740382.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer 1 2 3 4 5 MoreSkyworks Solutions Inc.
CX72302CX72302: Spur-Free 6.1 GHz Dual Fractional-N Frequency Synthesizer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HMC500LP3GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
TD7623AFN3-WIRE AND I2C BUS SYSTEM 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV 1 2 3 4 5 MoreToshiba Semiconductor
RF9958CDMA/FM TRANSMIT MODULATOR IF AGC AND UPCONVERTER 1 2 3 4 5 MoreRF Micro Devices
LMX23642.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
UPC8126K900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS 1 2 3 4 5 MoreNEC
HPMX-2003Silicon Bipolar RFIC 900 MHz Vector Modulator 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl