Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA9025 Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce SA9025
Description  900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9025 Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button SA9025 Datasheet HTML 15Page - NXP Semiconductors SA9025 Datasheet HTML 16Page - NXP Semiconductors SA9025 Datasheet HTML 17Page - NXP Semiconductors SA9025 Datasheet HTML 18Page - NXP Semiconductors SA9025 Datasheet HTML 19Page - NXP Semiconductors SA9025 Datasheet HTML 20Page - NXP Semiconductors SA9025 Datasheet HTML 21Page - NXP Semiconductors SA9025 Datasheet HTML 22Page - NXP Semiconductors SA9025 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Philips Semiconductors
Objective specification
SA9025
900 MHz transmit modulator and 2.2 GHz
fractional–N synthesizer
1997 Aug 01
20
SR01454
REFERENCE R
MAIN M
VCO CYCLES
N
N
N+1
N
N+1
DETECTOR
OUTPUT
ACCUMULATOR
24
1
3
0
FRACTIONAL
COMPENSATION
CURRENT
OUTPUT ON
PHP, PHI
PULSE
WIDTH
MODULATION
PULSE LEVEL
MODULATION
mA
µA
CONTENTS
Figure 10.
Waveforms for NF = 2; Fraction = 0.4
Figure 10 shows that for a proper fractional compensation, the area
of the fractional compensation current pulse must be equal to the
area of the charge pump ripple output.
The fractional compensation current is derived from the main charge
pump in that it will follow all the current scaling through external
resistor setting, programming or speedup operation.
For a given pump,
|comp
+
|pump
128
x
Fdac
5 x 128
xFRD
Where:
Icomp is the compensation current, Ipump is the pump current, Fdac
is the fractional DAC value and FRD is the fractional accumulator
value.
The theoretical value for Fdac would then be: 128 for Fmod = 1
(modulo 5) and 80 for Fmod = 0 (modulo 8).
When the serial input A word is loaded, the output circuits are in the
“speedup mode” as long as the STROBE is H, otherwise the
“normal mode” is active.
Lock Detect
The output LOCK maintains a logic ‘1’ when the auxiliary phase
detector ANDed with the main phase detector indicates a lock
condition. The lock condition for the main and auxiliary synthesizers
is defined as a phase difference of less than
"1 cycle on the
reference inputs XTAL1,2. The LOCK condition is also fulfilled when
the relative counter is disabled (PDmain = ‘0’ or PDaux = ‘0’) for the
main or auxiliary counter, respectively. Lock indication when PDmain
= PDaux = ‘0’.
Functional Description of Offset Loop, Modulator
and Power Control
Transmit Offset Synthesizer
The transmit offset phase locked loop portion of the SA9025 design
consists of the following functional blocks: reference oscillator,
limiters, phase detector,
÷M, IF VCO and passive loop filter.
Harmonic contents of this signal are attenuated by an LP filter. The
output of the IF VCO is also divided by N and compared with the
reference oscillator in the phase detector.
Reference Oscillator
This Oscillator is used to generate the reference frequency together
with an external crystal and varicap. The output is internally routed
to three buffers and a phase comparator. It is possible to run the
oscillator as an amplifier from an external reference signal (TCXO).
Phase Detector and Charge Pump
The phase comparator is used to compare the output of the divider
with the reference. It provides an output proportional to the phase
difference between the divided down VCO and the reference. This
output is then filtered and used as the control voltage input to the
VCO. The phase detector is a Gilbert multiplier cell type, having a
linear output from 0 to
π (π/2 ±π/2), followed by a charge pump. The
charge pump peak output current is programmable to 6.4mA via the
use of an external resistor.
A preliminary design analysis has been performed with the following
loop parameters:
A lock detect signal is provided and ANDed together with lock detect
signals from both the main channel synthesizer and auxiliary


Numéro de pièce similaire - SA9025

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
   900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
More results

Description similaire - SA9025

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
   900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
Skyworks Solutions Inc.
CX74038 SKYWORKS-CX74038 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
Texas Instruments
TRF8010 TI-TRF8010 Datasheet
185Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
TRF8010_1998 TI1-TRF8010_1998 Datasheet
188Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
logo
Hittite Microwave Corpo...
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
   8 GHZ FRACTIONAL SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com