Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SA9025 Datasheet(Fiches technique) 14 Page - NXP Semiconductors

Numéro de pièce SA9025
Description  900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
Télécharger  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 14 page
background image
Philips Semiconductors
Objective specification
SA9025
900 MHz transmit modulator and 2.2 GHz
fractional–N synthesizer
1997 Aug 01
14
TXen
STROBE
SYNen
80
mS
6.67mS
SR01538
Figure 7.
Transmit Offset Synthesizer Timing Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SA9024900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
RF6001FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER 1 2 RF Micro Devices
CX740382.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer 1 2 3 4 5 MoreSkyworks Solutions Inc.
CX72302CX72302: Spur-Free 6.1 GHz Dual Fractional-N Frequency Synthesizer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HMC500LP3GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
TD7623AFN3-WIRE AND I2C BUS SYSTEM 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV 1 2 3 4 5 MoreToshiba Semiconductor
RF9958CDMA/FM TRANSMIT MODULATOR IF AGC AND UPCONVERTER 1 2 3 4 5 MoreRF Micro Devices
LMX23642.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
UPC8126K900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS 1 2 3 4 5 MoreNEC
HPMX-2003Silicon Bipolar RFIC 900 MHz Vector Modulator 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl