Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SA9025 Datasheet(Fiches technique) 10 Page - NXP Semiconductors

Numéro de pièce SA9025
Description  900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
Télécharger  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 10 page
background image
Philips Semiconductors
Objective specification
SA9025
900 MHz transmit modulator and 2.2 GHz
fractional–N synthesizer
1997 Aug 01
10
Functional Description Main Channel Synthesizer
& Auxiliary Synthesizer
SERIAL INPUT + PROGRAM LATCHES
MAIN DIVIDERS
NORMAL
OUTPUT
CHARGE
PUMP
INTEGRAL
OUTPUT
CHARGE
PUMP
AUXILIARY
OUTPUT
CHARGE
PUMP
MAIN
PHASE
DETECTOR
MAIN
REFERENCE
SELECT
SPEED-UP
OUTPUT
CHARGE
PUMP
REFERENCE DIVIDER
÷2
÷2
÷2
AUXILIARY
REFERENCE
SELECT
AUXILIARY
PHASE
DETECTOR
AUXILIARY DIVIDER
DATA
CLOCK
STROBE
INM1
INM2
INR
INA
FB
RN
PHP
PHI
RN
PHA
LOCK
PD1
NMAIN
FMOD
NF
16
3
FDAC
8
2
PD1
NR
PD1 + PD2
12
SA
PD2
NAUX
2
SM
PD2
2
2
14
FRACTIONAL
ACCUMULATOR
FB
1
SR01112
FDAC
8
FDAC
8
FDAC
8
Figure 4.
Synthesizer Block Diagram
Serial Programming Input
The serial input is a 3-wire input (CLOCK, DATA, STROBE) used to
program all counter ratios, DACs, selection and enable bits. The
programming data is structured into 24-bit words; each word
includes 2 or 3 address bits. Figure [5] shows the timing diagram of
the serial input. When STROBE = L, the clock driver is enabled and
on positive edges of the CLOCK, the signal on DATA input is
clocked into a shift register. When STROBE = H, the clock is
disabled and the data in the shift register remains stable.
Depending on the 2 or 3 address bits, data is latched into different
working or temporary registers. In order to fully program the
synthesizer, 3 words must be sent: A, B and C. The D word
programs all other functions within the SA9025. Those functions are




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SA9024900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
RF6001FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER 1 2 RF Micro Devices
CX740382.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer 1 2 3 4 5 MoreSkyworks Solutions Inc.
CX72302CX72302: Spur-Free 6.1 GHz Dual Fractional-N Frequency Synthesizer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HMC500LP3GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
TD7623AFN3-WIRE AND I2C BUS SYSTEM 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV 1 2 3 4 5 MoreToshiba Semiconductor
RF9958CDMA/FM TRANSMIT MODULATOR IF AGC AND UPCONVERTER 1 2 3 4 5 MoreRF Micro Devices
LMX23642.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
UPC8126K900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS 1 2 3 4 5 MoreNEC
HPMX-2003Silicon Bipolar RFIC 900 MHz Vector Modulator 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl