Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450IJ44 Fiches technique(PDF) 1 Page - Exar Corporation

No de pièce ST16C2450IJ44
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450IJ44 Fiches technique(HTML) 1 Page - Exar Corporation

  ST16C2450IJ44 Datasheet HTML 1Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 2Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 3Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 4Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 5Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 6Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 7Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 8Page - Exar Corporation ST16C2450IJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
ST16C2450
2.97V TO 5.5V DUART
MAY 2005
REV. 4.0.1
GENERAL DESCRIPTION
The ST16C2450 (2450) is a dual universal asynchro-
nous
receiver
and
transmitter
(UART).
The
ST16C2450
is
an
improved
version
of
the
ST16C2450 with lower operating voltage and 5 volt
tolerant inputs. The 2450 provides enhanced UART
functions, a modem control interface and data rates
up to 1.5 Mbps. Onboard status registers provide the
user with error indications and operational status. In-
dependent programmable baud rate generators are
provided to select transmit and receive clock rates up
to 1.5 Mbps. An internal loopback capability allows
onboard diagnostics. The 2450 is available in a 44-
pin PLCC and 48-pin TQFP packages. The 2450 is
fabricated in an advanced CMOS process capable of
operating from 2.97 volt to 5.5 volt power supply. The
devices with a top marking of "A2 YYWW" or newer
have 5 volt tolerant inputs.
APPLICATIONS
• Portable Appliances
• Telecommunication Network Routers
• Ethernet Network Routers
• Cellular Data Devices
• Factory Automation and Process Controls
FEATURES
Added feature in devices with top marking "A2
YYWW" and newer:
5 Volt Tolerant Inputs
2.97 to 5.5 Volt Operation
Pin-to-pin compatible to Exar’s XR16C2450,
ST16C2550,
XR16L2550,
XR16L2750
and
XR16C2850
2 independent UART channels
Up to 1.5 Mbps data rate with a 24 MHz crystal
oscillator or external clock frequency
1 byte Transmit FIFO
1 byte Receive FIFO with error tags
Status report registers
Modem control signals (CTS#, RTS#, DSR#,
DTR#, RI#, CD#)
Programmable character lengths (5, 6, 7, 8)
with even, odd, or no parity
Crystal oscillator or external clock input
TTL compatible inputs, outputs
Industrial temperature ranges
48-TQFP and 44-PLCC packages
FIGURE 1. ST16C2450 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
TXA
RTSA#, CTSA#,
DTRA#, DSRA#,
CDA#, RIA#, OP2A#
8-bit Data
Bus
Interface
UART Channel A
BRG
THR
UART
Regs
2.97 to 5.5 Volt VCC
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
CSB#
INTA
INTB
IOW#
IOR#
Reset
RHR
Modem I/Os
RXA
TXB
RTSB#, CTSB#,
DTRB#, DSRB#,
CDB#, RIB#, OP2B#
RXB
*5V Tolerant inputs


Numéro de pièce similaire - ST16C2450IJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450IJ44 EXAR-ST16C2450IJ44 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450IJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com