Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450CQ48 Fiches technique(PDF) 3 Page - Exar Corporation

No de pièce ST16C2450CQ48
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450CQ48 Fiches technique(HTML) 3 Page - Exar Corporation

  ST16C2450CQ48 Datasheet HTML 1Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 2Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 3Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 4Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 5Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 6Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 7Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 8Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
xr
ST16C2450
REV. 4.0.1
2.97V TO 5.5V DUART
3
PIN DESCRIPTIONS
Pin Description
NAME
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
29
30
31
26
27
28
I
Address data lines [2:0]. These 3 address lines select one of the inter-
nal registers in UART channel A/B during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
9
8
7
6
5
4
3
2
3
2
1
48
47
46
45
44
IO
Data bus lines [7:0] (bidirectional).
IOR#
24
19
I
Input/Output Read Strobe (active low). The falling edge instigates an
internal read cycle and retrieves the data byte from an internal register
pointed to by the address lines [A2:A0]. The data byte is placed on the
data bus to allow the host processor to read it on the rising edge.
IOW#
20
15
I
Input/Output Write Strobe (active low). The falling edge instigates an
internal write cycle and the rising edge transfers the data byte on the
data bus to an internal register pointed by the address lines.
CSA#
16
10
I
UART channel A select (active low) to enable UART channel A in the
device for data bus operation.
CSB#
17
11
I
UART channel B select (active low) to enable UART channel B in the
device for data bus operation.
INTA
33
30
O
UART channel A Interrupt output. The output state is defined by the
user and through the software setting of MCR[3]. INTA is set to the
active mode and OP2A# output to a logic 0 when MCR[3] is set to a
logic 1. INTA is set to the three state mode and OP2A# to a logic 1
when MCR[3] is set to a logic 0 (default).
INTB
32
29
O
UART channel B Interrupt output. The output state is defined by the
user and through the software setting of MCR[3]. INTB is set to the
active mode and OP2B# output to a logic 0 when MCR[3] is set to a
logic 1. INTB is set to the three state mode and OP2B# to a logic 1
when MCR[3] is set to a logic 0 (default).
MODEM OR SERIAL I/O INTERFACE
TXA
13
7
O
UART channel A Transmit Data. If it is not used, leave it unconnected.
RXA
11
5
I
UART channel A Receive Data. Normal receive data input must idle at
logic 1 condition. If it is not used, tie it to VCC or pull it high via a 100k
ohm resistor.
RTSA#
36
33
O
UART channel A Request-to-Send (active low) or general purpose out-
put. If it is not used, leave it unconnected.
CTSA#
40
38
I
UART channel A Clear-to-Send (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.


Numéro de pièce similaire - ST16C2450CQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450CQ48 EXAR-ST16C2450CQ48 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450CQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com