Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450CJ44 Fiches technique(PDF) 11 Page - Exar Corporation

No de pièce ST16C2450CJ44
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450CJ44 Fiches technique(HTML) 11 Page - Exar Corporation

Back Button ST16C2450CJ44 Datasheet HTML 7Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 8Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 9Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 10Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 11Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 12Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 13Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 14Page - Exar Corporation ST16C2450CJ44 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
xr
ST16C2450
REV. 4.0.1
2.97V TO 5.5V DUART
11
3.0 UART INTERNAL REGISTERS
Each of the UART channel in the 2450 has its own set of configuration registers selected by address lines A0,
A1 and A2 with CSA# or CSB# selecting the channel. The registers are 16C450 compatible. The complete
register set is shown on Table 4 and Table 5.
TABLE 4: UART CHANNEL A AND B UART INTERNAL REGISTERS
A2,A1,A0 ADDRESSES
REGISTER
READ/WRITE
COMMENTS
16C550 COMPATIBLE REGISTERS
0 0 0
RHR - Receive Holding Register
THR - Transmit Holding Register
Read-only
Write-only
LCR[7] = 0
0 0 0
DLL - Div Latch Low Byte
Read/Write
LCR[7] = 1
0 0 1
DLM - Div Latch High Byte
Read/Write
LCR[7] = 1
0 0 1
IER - Interrupt Enable Register
Read/Write
LCR[7] = 0
0 1 0
ISR - Interrupt Status Register
Reserved
Read-only
Write-only
0 1 1
LCR - Line Control Register
Read/Write
1 0 0
MCR - Modem Control Register
Read/Write
1 0 1
LSR - Line Status Register
Reserved
Read-only
Write-only
1 1 0
MSR - Modem Status Register
Reserved
Read-only
Write-only
1 1 1
SPR - Scratch Pad Register
Read/Write


Numéro de pièce similaire - ST16C2450CJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450CJ44 EXAR-ST16C2450CJ44 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450CJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com