Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450CP40 Fiches technique(PDF) 8 Page - Exar Corporation

No de pièce ST16C2450CP40
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450CP40 Fiches technique(HTML) 8 Page - Exar Corporation

Back Button ST16C2450CP40 Datasheet HTML 4Page - Exar Corporation ST16C2450CP40 Datasheet HTML 5Page - Exar Corporation ST16C2450CP40 Datasheet HTML 6Page - Exar Corporation ST16C2450CP40 Datasheet HTML 7Page - Exar Corporation ST16C2450CP40 Datasheet HTML 8Page - Exar Corporation ST16C2450CP40 Datasheet HTML 9Page - Exar Corporation ST16C2450CP40 Datasheet HTML 10Page - Exar Corporation ST16C2450CP40 Datasheet HTML 11Page - Exar Corporation ST16C2450CP40 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ST16C2450
xr
2.97V TO 5.5V DUART
REV. 4.0.1
8
2.7
Programmable Baud Rate Generator
A single baud rate generator is provided for the transmitter and receiver, allowing independent TX/RX channel
control. The programmable Baud Rate Generator is capable of operating with a crystal frequency or external
clock of up to 24 MHz.
The 2450 divides the basic external clock by 16. The basic 16X clock provides table rates to support standard
and custom applications using the same system design. The Baud Rate Generator divides the input 16X clock
by any divisor from 1 to 216 -1. The rate table is configured via the DLL and DLM internal register functions.
Customized Baud Rates can be achieved by selecting the proper divisor values for the MSB and LSB sections
of baud rate generator.
Table 3 shows the standard data rates available with a 14.7456 MHz crystal or external clock at 16X sampling
rate. When using a non-standard frequency crystal or external clock, the divisor value can be calculated for
DLL/DLM with the following equation.
2.8
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 1 byte FIFO or Transmit
Holding Register (THR). TSR shifts out every data bit with the 16X internal clock. A bit time is 16 clock periods.
The transmitter sends the start-bit followed by the number of data bits, inserts the proper parity-bit if enabled,
and adds the stop-bit(s). The status of the FIFO and TSR are reported in the Line Status Register (LSR bit-5
and bit-6).
2.8.1
Transmit Holding Register (THR) - Write Only
The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the
data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled
by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty.
divisor (decimal) = (XTAL1 clock frequency) / (serial data rate x 16)
TABLE 3: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate
MCR Bit-7=0
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM PROGRAM
VALUE (HEX)
DLL PROGRAM
VALUE (HEX)
DATA RATE
ERROR (%)
400
2304
900
09
00
0
2400
384
180
01
80
0
4800
192
C0
00
C0
0
9600
96
60
00
60
0
19.2k
48
30
00
30
0
38.4k
24
18
00
18
0
76.8k
12
0C
00
0C
0
153.6k
6
06
00
06
0
230.4k
4
04
00
04
0
460.8k
2
02
00
02
0
921.6k
1
01
00
01
0


Numéro de pièce similaire - ST16C2450CP40

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450CP40 EXAR-ST16C2450CP40 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450CP40

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com