Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450 Fiches technique(PDF) 5 Page - Exar Corporation

No de pièce ST16C2450
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450 Fiches technique(HTML) 5 Page - Exar Corporation

  ST16C2450 Datasheet HTML 1Page - Exar Corporation ST16C2450 Datasheet HTML 2Page - Exar Corporation ST16C2450 Datasheet HTML 3Page - Exar Corporation ST16C2450 Datasheet HTML 4Page - Exar Corporation ST16C2450 Datasheet HTML 5Page - Exar Corporation ST16C2450 Datasheet HTML 6Page - Exar Corporation ST16C2450 Datasheet HTML 7Page - Exar Corporation ST16C2450 Datasheet HTML 8Page - Exar Corporation ST16C2450 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
xr
ST16C2450
REV. 4.0.1
2.97V TO 5.5V DUART
5
Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
1.0 PRODUCT DESCRIPTION
The ST16C2450 (2450) integrates the functions of two 16C450 Universal Asynchrounous Receiver and
Transmitter (UART). Each UART is independently controlled having its own set of device configuration
registers. The 2450 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-
parallel data conversions for both the transmitter and receiver sections. These functions are necessary for
converting the serial data stream into parallel data that is required with digital data systems. Synchronization
for the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry to
provide all these functions is fairly complex especially when manufactured on a single integrated silicon chip.
The 2450 represents such an integration with greatly enhanced features. The 2450 is fabricated with an
advanced CMOS process. The 2450 is capable of operation up to 1.5 Mbps with a 24 MHz clock. With a crystal
or external clock input of 14.7456 MHz the user can select data rates up to 921.6 Kbps.
2.0 FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The 2450 data interface supports the Intel compatible types of CPUs and it is compatible to
the industry standard 16C450 UART. No clock (oscillator nor external clock) is required to operate a data bus
transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# signals. Both UART channels share
the same data bus for host operations. The data bus interconnections are shown in Figure 3.
ANCILLARY SIGNALS
XTAL1
18
13
I
Crystal or external clock input.
XTAL2
19
14
O
Crystal or buffered clock output.
RESET
39
36
I
Reset (active high) - A longer than 40 ns logic 1 pulse on this pin will
reset the internal registers and all outputs. The UART transmitter output
will be held at logic 1, the receiver input will be ignored and outputs are
reset during reset period.
VCC
44
42
Pwr
2.97V to 5.5V power supply. All inputs are 5V tolerant for devices with
top marking of "A2 YYWW" and newer.
GND
22
17
Pwr
Power supply common, ground.
N.C.
1, 12, 23,
34
6, 12, 18,
24, 25, 31,
37, 43
-
No Connection. These pins are open, but typically, should be con-
nected to GND for good design practice.
Pin Description
NAME
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Numéro de pièce similaire - ST16C2450

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450CJ44 EXAR-ST16C2450CJ44 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450CP40 EXAR-ST16C2450CP40 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450CQ48 EXAR-ST16C2450CQ48 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450IJ44 EXAR-ST16C2450IJ44 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com