Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450 Fiches technique(PDF) 7 Page - Exar Corporation

No de pièce ST16C2450
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450 Fiches technique(HTML) 7 Page - Exar Corporation

Back Button ST16C2450_05 Datasheet HTML 3Page - Exar Corporation ST16C2450_05 Datasheet HTML 4Page - Exar Corporation ST16C2450_05 Datasheet HTML 5Page - Exar Corporation ST16C2450_05 Datasheet HTML 6Page - Exar Corporation ST16C2450_05 Datasheet HTML 7Page - Exar Corporation ST16C2450_05 Datasheet HTML 8Page - Exar Corporation ST16C2450_05 Datasheet HTML 9Page - Exar Corporation ST16C2450_05 Datasheet HTML 10Page - Exar Corporation ST16C2450_05 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
xr
ST16C2450
REV. 4.0.1
2.97V TO 5.5V DUART
7
2.5
INTA and INTB Outputs
The INTA and INTB interrupt output changes according to the operating mode and enhanced features setup.
Table 2 summarizes the operating behavior for the transmitter and receiver. Also see Figure 12 and Figure 13.
2.6
Crystal Oscillator or External Clock Input
The 2450 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. See “Programmable Baud Rate
Generator” on page 8.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100 ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4), with an external 500 k
Ω to
1 M
Ω resistor across it. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal
baud rate generator for standard or custom rates. Typical oscillator connections are shown in Figure 4. For
further reading on oscillator circuit please see application note DAN108 on EXAR’s web site.
TABLE 2: INTA AND INTB PINS OPERATION FOR TRANSMITTER
TRANSMITTER
RECEIVER
INTA/B Pin
0 = a byte in THR
1 = THR empty
0 = no data
1 = 1 byte
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47 pF
C2
22-47 pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500 ΚΩ − 1 Μ Ω
XTAL1
XTAL2


Numéro de pièce similaire - ST16C2450_05

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450CJ44 EXAR-ST16C2450CJ44 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450CP40 EXAR-ST16C2450CP40 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450CQ48 EXAR-ST16C2450CQ48 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450IJ44 EXAR-ST16C2450IJ44 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450IP40 EXAR-ST16C2450IP40 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450_05

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com