Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1551IQ48 Fiches technique(PDF) 3 Page - Exar Corporation

No de pièce ST16C1551IQ48
Description  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1551IQ48 Fiches technique(HTML) 3 Page - Exar Corporation

  ST16C1551IQ48 Datasheet HTML 1Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 2Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 3Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 4Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 5Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 6Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 7Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 8Page - Exar Corporation ST16C1551IQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
xr
ST16C1550/51
REV. 4.2.1
2.97V TO 5.5V UART WITH 16-BYTE FIFO
3
FIGURE 3. ST16C1551 PINOUTS
28-PLCC PACKAGES
48-TQFP PACKAGE
5
6
7
8
9
10
11
25
24
23
22
21
20
19
D4
D5
D6
D7
RX
TX
CS#
CTS#
RESET
DTR#
RTS#
A0
A1
A2
ST16C1551CJ28
NOTE: PINOUTS NOT TO SCALE.
ACTUAL SIZE OF TQFP PACKAGE
IS SMALLER THAN PLCC PACKAGE
.
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
N.C.
N.C.
D4
D5
D6
D7
RX
TX
CS#
N.C.
N.C.
N.C.
N.C.
N.C.
CTS#
RESET
DTR#
RTS#
A0
N.C.
A1
A2
N.C.
N.C.
ST16C1551CQ48


Numéro de pièce similaire - ST16C1551IQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1551IQ48 EXAR-ST16C1551IQ48 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

Description similaire - ST16C1551IQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com