Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1551IJ28 Fiches technique(PDF) 7 Page - Exar Corporation

No de pièce ST16C1551IJ28
Description  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1551IJ28 Fiches technique(HTML) 7 Page - Exar Corporation

Back Button ST16C1551IJ28 Datasheet HTML 3Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 4Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 5Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 6Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 7Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 8Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 9Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 10Page - Exar Corporation ST16C1551IJ28 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
xr
ST16C1550/51
REV. 4.2.1
2.97V TO 5.5V UART WITH 16-BYTE FIFO
7
1.0 PRODUCT DESCRIPTION
The ST16C155X provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-
parallel data conversions for both the transmitter and receiver sections. These functions are necessary for
converting the serial data stream into parallel data that is required in digital data systems. Synchronization for
the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for any transmission bit errors.
ENHANCED FEATURES
The ST16C155X is an upward solution that provides 16 bytes of transmit and receive FIFO memory, instead of
none in the 16C145X. The 155X is designed to work with high speed modems and shared network
environments, that require fast data processing time. Increased performance is realized in the 155X by the
larger transmit and receive FIFOs. This allows the external processor to handle more networking tasks within a
given time. For example, the ST16C550 with a 16 byte FIFO, unloads 16 bytes of receive data in 93
microseconds (This example uses a character length of 11 bits, including start/stop bits at 115.2Kbps). This
means the external CPU will have to service the receive FIFO less than every 100 microseconds. However
with the 16 byte FIFO in the 155X, the data buffer will not require unloading/loading for 1.53 ms. This increases
the service interval giving the external CPU additional time for other applications and reducing the overall
UART interrupt servicing time. In addition, the 4 selectable levels of FIFO trigger interrupt are provided for
maximum data throughput performance especially when operating in a multi-channel environment. The FIFO
memory greatly reduces the bandwidth requirement of the external controlling CPU, increases performance,
and reduces power consumption.
DATA RATE
The 155X is capable of operation up to 1.5 Mbps with a 24 MHz crystal or external clock input with a 16X
sampling clock (at VCC = 5.0V). With a crystal of 14.7456 MHz and through a software option, the user can
select data rates up to 921.6 Kbps.
The rich feature set of the 155X is available through internal registers. Selectable receive FIFO trigger levels,
selectable baud rates, and modem interface controls are all standard features. Following a power on reset or
an external reset, the 155X is software compatible with the ST16C145X.


Numéro de pièce similaire - ST16C1551IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1551IJ28 EXAR-ST16C1551IJ28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

Description similaire - ST16C1551IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com