Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1551IJ28 Fiches technique(PDF) 10 Page - Exar Corporation |
|
ST16C1551IJ28 Fiches technique(HTML) 10 Page - Exar Corporation |
10 / 36 page ST16C1550/51 xr 2.97V TO 5.5V UART WITH 16-BYTE FIFO REV. 4.2.1 10 2.5 Transmitter The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 16 bytes of FIFO which includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal clock. A bit time is 16 clock periods. The transmitter sends the start-bit followed by the number of data bits, inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in the Line Status Register (LSR bit-5 and bit-6). 2.5.1 Transmit Holding Register (THR) - Write Only The transmit holding register is an 8-bit register providing a data interface to the host processor. The host writes transmit data byte to the THR to be converted into a serial data stream including start-bit, data bits, parity-bit and stop-bit(s). The least-significant-bit (Bit-0) becomes first data bit to go out. The THR is the input register to the transmit FIFO of 16 bytes when FIFO operation is enabled by FCR bit-0. Every time a write operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data location. TABLE 2: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK OUTPUT Data Rate MCR Bit-7=1 OUTPUT Data Rate MCR Bit-7=0 DIVISOR FOR 16x Clock (Decimal) DIVISOR FOR 16x Clock (HEX) DLM PROGRAM VALUE (HEX) DLL PROGRAM VALUE (HEX) DATA RATE ERROR (%) 100 400 2304 900 09 00 0 600 2400 384 180 01 80 0 1200 4800 192 C0 00 C0 0 2400 9600 96 60 00 60 0 4800 19.2k 48 30 00 30 0 9600 38.4k 24 18 00 18 0 19.2k 76.8k 12 0C 00 0C 0 38.4k 153.6k 6 06 00 06 0 57.6k 230.4k 4 04 00 04 0 115.2k 460.8k 2 02 00 02 0 230.4k 921.6k 1 01 00 01 0 |
Numéro de pièce similaire - ST16C1551IJ28 |
|
Description similaire - ST16C1551IJ28 |