Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1550IQ48 Fiches technique(PDF) 8 Page - Exar Corporation |
|
ST16C1550IQ48 Fiches technique(HTML) 8 Page - Exar Corporation |
8 / 36 page ST16C1550/51 xr 2.97V TO 5.5V UART WITH 16-BYTE FIFO REV. 4.2.1 8 2.0 FUNCTIONAL DESCRIPTIONS 2.1 Internal Registers The 155X has a set of enhanced registers for controlling, monitoring and data loading and unloading. These registers function as data holding registers (THR/RHR), interrupt status and control registers (ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/LCR), modem status and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user accessible scractchpad register (SPR). All the register functions are discussed in full detail later in “Section 3.0, UART INTERNAL REGISTERS” on page 14. 2.2 DMA Mode The DMA Mode (a legacy term) in this document does not mean “Direct Memory Access” but refers to data block transfer operation. The DMA mode affects the state of the RXRDY and TXRDY bits (ISR bits 5 and 4 respectively). The transmit and receive FIFO trigger levels provide additional flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the transmitter is empty or has an empty location(s) for more data. The user can optionally operate the transmit and receive FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFO are enabled and the DMA mode is disabled (FCR bit-3 = 0), the 155X activates the TXRDY & RXRDY output pin for each data transmit or receive operation. When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by loading or unloading the FIFO in a block sequence determined by the programmed trigger level. In this mode, the 155X sets the TXRDY bit when the transmit FIFO becomes full, and sets the RXRDY pin when the receive FIFO becomes empty. The following table shows their behavior. 2.3 Crystal Oscillator or External Clock The 155X includes an on-chip oscillator (XTAL1 and XTAL2). The crystal oscillator provides the system clock to the Baud Rate Generators (BRG) in the UART. XTAL1 is the input to the oscillator or external clock buffer input with XTAL2 pin being the output. For programming details, see “Section 2.4, Programmable Baud Rate Generator” on page 9. The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant, fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4). Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal baud rate generator for standard or custom rates. Typical oscillator connections are shown in Figure 4. For further reading on oscillator circuit please see application note DAN108 on EXAR’s web site. TABLE 1: TXRDY AND RXRDY BITS IN FIFO AND DMA MODE PINS FCR BIT-0=0 (FIFO DISABLED) FCR BIT-0=1 (FIFO ENABLED) FCR Bit-3 = 0 (DMA Mode Disabled) FCR Bit-3 = 1 (DMA Mode Enabled) RXRDY 1 = 1 byte 0 = no data 1 = at least 1 byte in FIFO 0 = FIFO empty 1 = FIFO reaches the trigger level, or timeout occurs 0 = FIFO empty TXRDY 1 = THR empty 0 = byte in THR 1 = FIFO empty 0 = at least 1 byte in FIFO 1 = FIFO has at least 1 empty location 0 = FIFO is full |
Numéro de pièce similaire - ST16C1550IQ48 |
|
Description similaire - ST16C1550IQ48 |